Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC280MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC280MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC280MS8G
Download  HMC280MS8G Download
File Size   216.89 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz

HMC280MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC280MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC280MS8G
Download  HMC280MS8G Click to download

File Size   216.89 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz

HMC280MS8G Datasheet (HTML) - Hittite Microwave Corporation


HMC280MS8G Product details

General Description
The HMC280MS8G & HMC280MS8GE are +3.6V GaAs MMIC power amplifi ers covering 5 to 6 GHz. The device is packaged in a low cost, surface mount 8 lead MSOP plastic package with an exposed base paddle for improved RF ground and thermal dissipation. The amplifi er provides 18 dB of gain and 24 dBm Psat while operating from a single positive supply. External component requirements are minimal with the amplifi er occupying less than 0.023 sq. in. (14.6 sq. mm). All data is taken with the amplifi er assembled into a 50 ohm test fi xture with the exposed base paddle connected to RF ground.

Features
   Psat Output Power: +24 dBm
   Output IP3: +38 dBm
   High Gain: 18 dB
   Single Supply: +3.6V
   Ultra Small Package: MSOP8G

Typical Applications
The HMC280MS8G / HMC280MS8GE is ideal for:
• UNII & HiperLAN
• ISM




Similar Part No. - HMC280MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
290Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC280MS8GE HITTITE-HMC280MS8GE Datasheet
290Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
More results


Similar Description - HMC280MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC318MS8G HITTITE-HMC318MS8G Datasheet
217Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
HMC320MS8G HITTITE-HMC320MS8G Datasheet
236Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
HMC406MS8G HITTITE-HMC406MS8G Datasheet
259Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
logo
Mimix Broadband
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
2.0-6.0 GHz GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC318MS8G HITTITE-HMC318MS8G_07 Datasheet
243Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
HMC406MS8G HITTITE-HMC406MS8G_07 Datasheet
296Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
logo
Mimix Broadband
CMM0618-BD MIMIX-CMM0618-BD_07 Datasheet
154Kb / 5P
6.0-18.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com