Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC406MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC406MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC406MS8G
Download  HMC406MS8G Download
File Size   259.62 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz

HMC406MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC406MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC406MS8G
Download  HMC406MS8G Click to download

File Size   259.62 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz

HMC406MS8G Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC406MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC406MS8G HITTITE-HMC406MS8G Datasheet
222Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz
HMC406MS8G HITTITE-HMC406MS8G Datasheet
296Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
logo
Analog Devices
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC406MS8GE HITTITE-HMC406MS8GE Datasheet
222Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz
logo
Analog Devices
HMC406MS8GE AD-HMC406MS8GE Datasheet
438Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
More results


Similar Description - HMC406MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC313 HITTITE-HMC313 Datasheet
205Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
HMC407MS8G HITTITE-HMC407MS8G Datasheet
279Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
HMC313 HITTITE-HMC313_07 Datasheet
271Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
HMC406MS8G HITTITE-HMC406MS8G_07 Datasheet
296Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
HMC407MS8G HITTITE-HMC407MS8G_07 Datasheet
309Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
logo
Analog Devices
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com