Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC406MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC406MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC406MS8G
Download  HMC406MS8G Download
File Size   222.36 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz

HMC406MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC406MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC406MS8G
Download  HMC406MS8G Click to download

File Size   222.36 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz

HMC406MS8G Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC406MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC406MS8G HITTITE-HMC406MS8G Datasheet
259Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
HMC406MS8G HITTITE-HMC406MS8G Datasheet
296Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
logo
Analog Devices
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8GE AD-HMC406MS8GE Datasheet
438Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC406MS8G HITTITE-HMC406MS8G_07 Datasheet
296Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
More results


Similar Description - HMC406MS8G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBA-4089 ETC-SBA-4089 Datasheet
685Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
NGA-486 STANFORD-NGA-486 Datasheet
271Kb / 4P
DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5086 SIRENZA-SBA-5086 Datasheet
284Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
SBA-4086 SIRENZA-SBA-4086 Datasheet
281Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-4089 SIRENZA-SBA-4089 Datasheet
314Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC407MS8G HITTITE-HMC407MS8G_09 Datasheet
222Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 7 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com