Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM3030-BD Datasheet (PDF) - Mimix Broadband

CMM3030-BD Datasheet PDF - Mimix Broadband
Part # CMM3030-BD
Download  CMM3030-BD Download
File Size   863.72 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 30 kHz to GHz GaAs MMIC Optical Modulator Driver Amplifer

CMM3030-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM3030-BD Datasheet PDF - Mimix Broadband

Part # CMM3030-BD
Download  CMM3030-BD Click to download

File Size   863.72 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 30 kHz to GHz GaAs MMIC Optical Modulator Driver Amplifer

CMM3030-BD Datasheet (HTML) - Mimix Broadband


CMM3030-BD Product details

General Description
Mimix Broadband’s distributed 30.0 kHz-30.0 GHz GaAs MMIC distributed amplifier has a small signal gain of 11.0 dB with a +22.0 dBm P1dB output compression point. This MMIC uses Mimix Broadband’s GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Test Instrumentation, Military, Space, Microwave Point-to-Point Radio, SATCOM and VSAT applications.

Features
◇ Ultra Wide Band Driver Amplifier
◇ Low Gain Ripple
◇ Positive Gain Slope
◇ 11.0 dB Small Signal Gain
◇ +22.0 dBm P1dB Compression Point
◇ +31.0 dBm Third Order Intercept
◇ 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - CMM3030-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3030-BD MIMIX-CMM3030-BD Datasheet
197Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD Datasheet
1Mb / 8P
30.0 kHz-30.0 GHz GaAs MMIC
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_10 Datasheet
1Mb / 8P
30.0 kHz-30.0 GHz GaAs MMIC
More results


Similar Description - CMM3030-BD

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
logo
List of Unclassifed Man...
CMM2030 ETC-CMM2030 Datasheet
566Kb / 4P
30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER
logo
Mimix Broadband
CMM0014-BD MIMIX-CMM0014-BD Datasheet
1Mb / 4P
2.0 to 22.0 GHz GaAs MMIC Power Amplifer
CMM0016-BD MIMIX-CMM0016-BD Datasheet
1Mb / 5P
2.0 to 20.0 GHz GaAs MMIC 1W Power Amplifer
CMM1200-BD MIMIX-CMM1200-BD Datasheet
1,016Kb / 6P
2.0 to 6.0 GHz GaAs MMIC Low-Noise Amplifer
CMM3020-BD MIMIX-CMM3020-BD Datasheet
453Kb / 3P
30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3020-BD MIMIX-CMM3020-BD_06 Datasheet
93Kb / 2P
30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com