Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD1008-BD Datasheet (PDF) - Mimix Broadband

XD1008-BD Datasheet PDF - Mimix Broadband
Part # XD1008-BD
Download  XD1008-BD Download
File Size   341.9 Kbytes
Page   10 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 30 kHz - 40 GHz GaAs MMIC Distributed Amplifier

XD1008-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
XD1008-BD Datasheet PDF - Mimix Broadband

Part # XD1008-BD
Download  XD1008-BD Click to download

File Size   341.9 Kbytes
Page   10 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 30 kHz - 40 GHz GaAs MMIC Distributed Amplifier

XD1008-BD Datasheet (HTML) - Mimix Broadband




Similar Part No. - XD1008-BD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XD1008-BD MA-COM-XD1008-BD Datasheet
917Kb / 9P
Distributed Amplifier
XD1008-BD-000V MA-COM-XD1008-BD-000V Datasheet
935Kb / 10P
Unconditional Stability over Temperature Range
XD1008-BD-EV1 MA-COM-XD1008-BD-EV1 Datasheet
935Kb / 10P
Unconditional Stability over Temperature Range
XD1008-BD MA-COM-XD1008-BD_15 Datasheet
935Kb / 10P
Unconditional Stability over Temperature Range
More results


Similar Description - XD1008-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
logo
Hittite Microwave Corpo...
HMC261 HITTITE-HMC261_00 Datasheet
192Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
HMC261 HITTITE-HMC261_02 Datasheet
465Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
logo
Microsemi Corporation
MMA040AA MICROSEMI-MMA040AA Datasheet
1Mb / 22P
DC–28 GHz GaAs MMIC Distributed Amplifier
Revision 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com