Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC261 Datasheet (PDF) - Hittite Microwave Corporation

HMC261 Datasheet PDF - Hittite Microwave Corporation
Part # HMC261_02
Download  HMC261 Download
File Size   465.25 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz

HMC261 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC261 Datasheet PDF - Hittite Microwave Corporation

Part # HMC261_02
Download  HMC261 Click to download

File Size   465.25 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz

HMC261 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC261_02

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC261 HITTITE-HMC261_00 Datasheet
192Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
More results


Similar Description - HMC261_02

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC283 HITTITE-HMC283 Datasheet
284Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1 Datasheet
367Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC261LM1 HITTITE-HMC261LM1 Datasheet
170Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER 20 - 32 GHz
HMC283 HITTITE-HMC283_08 Datasheet
314Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
logo
Mimix Broadband
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
logo
Hittite Microwave Corpo...
HMC261 HITTITE-HMC261_00 Datasheet
192Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
HMC261LM1 HITTITE-HMC261LM1_01 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC281 HITTITE-HMC281_00 Datasheet
152Kb / 6P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_07 Datasheet
320Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com