Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC261LM1 Datasheet (PDF) - Hittite Microwave Corporation

HMC261LM1 Datasheet PDF - Hittite Microwave Corporation
Part # HMC261LM1
Download  HMC261LM1 Download
File Size   170.68 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT DISTRIBUTED GaAs MMIC AMPLIFIER 20 - 32 GHz

HMC261LM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC261LM1 Datasheet PDF - Hittite Microwave Corporation

Part # HMC261LM1
Download  HMC261LM1 Click to download

File Size   170.68 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT DISTRIBUTED GaAs MMIC AMPLIFIER 20 - 32 GHz

HMC261LM1 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC261LM1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC261LM1 HITTITE-HMC261LM1 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC261LM1 HITTITE-HMC261LM1_01 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
More results


Similar Description - HMC261LM1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
logo
Hittite Microwave Corpo...
HMC261 HITTITE-HMC261_00 Datasheet
192Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
HMC261LM1 HITTITE-HMC261LM1_01 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC261 HITTITE-HMC261_02 Datasheet
465Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
logo
Microsemi Corporation
MMA040AA MICROSEMI-MMA040AA Datasheet
1Mb / 22P
DC–28 GHz GaAs MMIC Distributed Amplifier
Revision 2.0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com