Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA040AA Datasheet (PDF) - Microsemi Corporation

MMA040AA Datasheet PDF - Microsemi Corporation
Part # MMA040AA
Download  MMA040AA Download
File Size   1539.58 Kbytes
Page   22 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DC–28 GHz GaAs MMIC Distributed Amplifier

MMA040AA Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA040AA Datasheet PDF - Microsemi Corporation

Part # MMA040AA
Download  MMA040AA Click to download

File Size   1539.58 Kbytes
Page   22 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DC–28 GHz GaAs MMIC Distributed Amplifier

MMA040AA Datasheet (HTML) - Microsemi Corporation


MMA040AA Product details

Applications
The MMA040AA device is designed for the following applications:
• Test instrumentation
• Telecom infrastructure
• Microwave radio and VSAT
• Microwave communications

Key Features
The following are key features of the MMA040AA device:
• Frequency range: DC to 28 GHz
• Flat gain: 16.5 dB
• High IP3: 27 dBm
• Low noise: 2.5 dB at 10 GHz
• Supply voltage: 7 V at 60 mA
• 50 Ω matched I/O
• Compact die size: 3 mm × 1.32 mm × 0.1 mm




Similar Part No. - MMA040AA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MMA041AA MICROCHIP-MMA041AA Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5-TR MICROCHIP-MMA041PP5-TR Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5E MICROCHIP-MMA041PP5E Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA047CP4 MICROCHIP-MMA047CP4 Datasheet
1Mb / 24P
4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
A 10/2024
More results


Similar Description - MMA040AA

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1004-BD MIMIX-XD1004-BD Datasheet
529Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1004-QT MIMIX-XD1004-QT Datasheet
190Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
logo
Microchip Technology
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com