Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA047CP4 Datasheet (PDF) - Microchip Technology

MMA047CP4 Datasheet PDF - Microchip Technology
Part # MMA047CP4
Download  MMA047CP4 Download
File Size   1564.8 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling

MMA047CP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA047CP4 Datasheet PDF - Microchip Technology

Part # MMA047CP4
Download  MMA047CP4 Click to download

File Size   1564.8 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling

MMA047CP4 Datasheet (HTML) - Microchip Technology


MMA047CP4 Product details

Key Features
• Frequency range: 4 GHz to 14 GHz
• Gain: 21 dB
• OIP3: 32 dBm
• Noise figure: 1.5 dB
• CW input power rating: 32 dBm
• On-chip bias choke
• Supply: 7V at 180 mA; single supply with adjustable current
• RF/DC ESD protection on chip
• 50Ω matched input/output
• Package: 4 mm × 4 mm ceramic hermetic QFN

Applications
• Test and measurement instrumentation
• Electronic warfare (EW), electronic countermeasures (ECM), and
electronic counter-countermeasures (ECCM)
• Military, A&D, space, SATCOM, C/X–Band
• Telecom infrastructure
• Wideband microwave radios and millimeter-wave
communications systems




Similar Part No. - MMA047CP4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMA040AA MICROSEMI-MMA040AA Datasheet
1Mb / 22P
DC–28 GHz GaAs MMIC Distributed Amplifier
Revision 2.0
logo
Microchip Technology
MMA041AA MICROCHIP-MMA041AA Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5-TR MICROCHIP-MMA041PP5-TR Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5E MICROCHIP-MMA041PP5E Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
More results


Similar Description - MMA047CP4

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2512-SM TRIQUINT-TGA2512-SM Datasheet
315Kb / 18P
4 - 14 GHz balanced LNA
logo
Transcom, Inc.
TC1950 TRANSCOM-TC1950 Datasheet
125Kb / 4P
14 - 18 GHz LNA MMIC
logo
TriQuint Semiconductor
TGA2512-SM TRIQUINT-TGA2512-SM_15 Datasheet
807Kb / 19P
4 14 GHz Balanced LNA
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522_15 Datasheet
265Kb / 7P
7 to 20 GHz GaAs MMIC LNA/IRM Receiver
logo
Analog Devices
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC292ALC3B AD-HMC292ALC3B Datasheet
268Kb / 15P
14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Rev. 0 to Rev. A
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC553ALC3B AD-HMC553ALC3B Datasheet
376Kb / 25P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
3/2019-Rev.A to Rev. B
HMC558ACHIPS AD-HMC558ACHIPS Datasheet
480Kb / 32P
5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
3/2020-Revision 0
logo
Microchip Technology
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com