Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA047CP4 Datasheet(PDF) 3 Page - Microchip Technology

Part # MMA047CP4
Description  4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA047CP4 Datasheet(HTML) 3 Page - Microchip Technology

  MMA047CP4 Datasheet HTML 1Page - Microchip Technology MMA047CP4 Datasheet HTML 2Page - Microchip Technology MMA047CP4 Datasheet HTML 3Page - Microchip Technology MMA047CP4 Datasheet HTML 4Page - Microchip Technology MMA047CP4 Datasheet HTML 5Page - Microchip Technology MMA047CP4 Datasheet HTML 6Page - Microchip Technology MMA047CP4 Datasheet HTML 7Page - Microchip Technology MMA047CP4 Datasheet HTML 8Page - Microchip Technology MMA047CP4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MMA047CP4
Electrical Specifications
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00005609A - 3
1.
Electrical Specifications
1.1
Typical Electrical Performance
Table 1-1. Typical Electrical Specifications at 25 °C, VDD = 7V, IDD = 180 mA (Unless otherwise mentioned)
Parameter
Frequency Range
Min
Typ.
Max
Units
Frequency Range
4
14
GHz
Gain
4 – 14 GHz
19
21
dB
Gain flatness
4 – 14 GHz
±0.5
dB
Noise Figure
6 – 12 GHz
1.5
2.5
dB
Input Return Loss
4 – 14 GHz
12
dB
Output Return Loss 4 – 14 GHz
15
dB
P1dB
4 – 14 GHz
16
20
dBm
Psat
4 – 14 GHz
18
22
dBm
OIP3
4 – 14 GHz
27
32
dBm
Hot Switching (ON/
OFF)
4 – 14 GHz
50
ns
Phase Noise
1 kHz Offset
–135
dBc/Hz
10 kHz Offset
–150
Stability k–factor
4 – 14 GHz
1.5
Input Power
Survivability (CW)
4 – 14 GHz
32
dBm
VDD (Drain Voltage
Supply)
7
V
IDD (Drain Current)
180
mA
1.2
Absolute Maximum Ratings
The following table shows the absolute maximum ratings of the MMA047CP4 device at 25 °C, unless
otherwise specified. Exceeding any of the maximum ratings could cause damage and/or latent
defects to the device.
Table 1-2. Absolute Maximum Ratings
Parameters
Conditions
Drain bias voltage (VDD)
8V
Drain bias current (VDD)
200 mA
Gate bias voltage (VG)
–2V to 0.5V
RF input power (Pin)
+32 dBm (CW)
Channel temperature
175 °C
Thermal resistance
12 °C/W
Storage temperature
–65 °C to + 150 °C
Operating temperature
–55 °C to + 85 °C
ESD
Class 1B (500V HBM)
ESD Sensitive Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com