Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA047CP4 Datasheet(PDF) 19 Page - Microchip Technology

Part # MMA047CP4
Description  4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA047CP4 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MMA047CP4 Datasheet HTML 15Page - Microchip Technology MMA047CP4 Datasheet HTML 16Page - Microchip Technology MMA047CP4 Datasheet HTML 17Page - Microchip Technology MMA047CP4 Datasheet HTML 18Page - Microchip Technology MMA047CP4 Datasheet HTML 19Page - Microchip Technology MMA047CP4 Datasheet HTML 20Page - Microchip Technology MMA047CP4 Datasheet HTML 21Page - Microchip Technology MMA047CP4 Datasheet HTML 22Page - Microchip Technology MMA047CP4 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MMA047CP4
Application Circuit
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00005609A - 19
Figure 3-3. MMA047CP4 Evaluation Board
Table 3-1. List of Material for Figure 3–2
Designation
Part Number
Description
1
PCB backplate
C1, … C2
0201X104K160GT
Cap 100 nF 16V ±10% X7R Au cer 0201
H1, H2, H3
15–91–2040
Header, 2-pin, dual row
J1, J2, J3, J4
25–146–1000–90
CONN 2.9 mm FEMALE PCB EDGE
MOUNT .012 PIN
R1
ERJ–1GEF22R0C
RES 22Ω 1/20W 1% 0201 SMD
R2
ERJ–1GEF10R2C
RES 10Ω 1/20W 1% 0201 SMD
R3
ERJ–1GEJ5R6C
RES 3.3Ω 1/20W 5% 0201
R4
ERJ–1GEJ3R3C
RES 3.3Ω 1/20W 5% 0201
U1
MMA047CP4
MMA047CP4 4X4 CERAMIC QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com