Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA047CP4 Datasheet(PDF) 13 Page - Microchip Technology

Part # MMA047CP4
Description  4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA047CP4 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MMA047CP4 Datasheet HTML 9Page - Microchip Technology MMA047CP4 Datasheet HTML 10Page - Microchip Technology MMA047CP4 Datasheet HTML 11Page - Microchip Technology MMA047CP4 Datasheet HTML 12Page - Microchip Technology MMA047CP4 Datasheet HTML 13Page - Microchip Technology MMA047CP4 Datasheet HTML 14Page - Microchip Technology MMA047CP4 Datasheet HTML 15Page - Microchip Technology MMA047CP4 Datasheet HTML 16Page - Microchip Technology MMA047CP4 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MMA047CP4
Electrical Specifications
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00005609A - 13
Figure 1-51. IM3 vs. IDD at 7V 0 dBm per tone
-50
-45
-40
-35
-30
-25
-20
4
6
8
10
12
14
16
Frequency (GHz)
120 mA
150 mA
190 mA
1.3.3
Typical Performance vs. Power
The graphs shown in figures 1–52 through 1–60 represent the Typical Performance versus Output
Power curves of the MMA047CP4 under constant temperature 25 °C. All measurements were taken
using Test Circuit shown in Figure 3-2.
Figure 1-52. IM2 vs. Power at 5V/120 mA
-70
-60
-50
-40
-30
-20
-10
4
6
8
10
12
14
16
Frequency (GHz)
5dBm
7dBm
9dBm
11dBm
13dBm
15dBm
Figure 1-53. IM2 vs. Power at 6V/150 mA
-70
-60
-50
-40
-30
-20
-10
4
6
8
10
12
14
16
Frequency (GHz)
5dBm
7dBm
9dBm
11dBm
13dBm
15dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com