Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA047CP4 Datasheet(PDF) 4 Page - Microchip Technology

Part # MMA047CP4
Description  4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA047CP4 Datasheet(HTML) 4 Page - Microchip Technology

  MMA047CP4 Datasheet HTML 1Page - Microchip Technology MMA047CP4 Datasheet HTML 2Page - Microchip Technology MMA047CP4 Datasheet HTML 3Page - Microchip Technology MMA047CP4 Datasheet HTML 4Page - Microchip Technology MMA047CP4 Datasheet HTML 5Page - Microchip Technology MMA047CP4 Datasheet HTML 6Page - Microchip Technology MMA047CP4 Datasheet HTML 7Page - Microchip Technology MMA047CP4 Datasheet HTML 8Page - Microchip Technology MMA047CP4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MMA047CP4
Electrical Specifications
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00005609A - 4
1.3
Typical Performance Curves
1.3.1
Typical Performance vs. Temperature
The graphs shown in figures 1–1 through 1–30 represent the Typical Performance versus
Temperature curves of the MMA047CP4 under specific bias conditions. All measurements were
taken using Test Circuit shown in Figure 3-2.
Figure 1-1. Gain vs. Temperature at 5V/120 mA
10
12
14
16
18
20
22
24
26
4
6
8
10
12
14
16
Frequency (GHz)
-50C
25C
85C
Figure 1-2. Gain vs. Temperature at 6V/150 mA
10
12
14
16
18
20
22
24
26
4
6
8
10
12
14
16
Frequency (GHz)
-50C
25C
85C
Figure 1-3. Gain vs. Temperature at 7V/180 mA
10
12
14
16
18
20
22
24
26
4
6
8
10
12
14
16
Frequency (GHz)
-50C
25C
85C
Figure 1-4. S11 vs. Temperature at 5V/120 mA
-30
-25
-20
-15
-10
-5
0
4
6
8
10
12
14
16
Frequency (GHz)
-50C
25C
85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com