Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA047CP4 Datasheet(PDF) 21 Page - Microchip Technology

Part # MMA047CP4
Description  4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA047CP4 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MMA047CP4 Datasheet HTML 16Page - Microchip Technology MMA047CP4 Datasheet HTML 17Page - Microchip Technology MMA047CP4 Datasheet HTML 18Page - Microchip Technology MMA047CP4 Datasheet HTML 19Page - Microchip Technology MMA047CP4 Datasheet HTML 20Page - Microchip Technology MMA047CP4 Datasheet HTML 21Page - Microchip Technology MMA047CP4 Datasheet HTML 22Page - Microchip Technology MMA047CP4 Datasheet HTML 23Page - Microchip Technology MMA047CP4 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MMA047CP4
Ordering, Shipping, and Handling
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00005609A - 21
4.
Ordering, Shipping, and Handling
4.1
Handling Recommendations
Gallium Arsenide integrated circuits are sensitive to electrostatic discharge (ESD) and can be
damaged by static electricity. It is recommended to follow all procedures and guidelines outlined
in the Microsemi application note AN01: GaAs MMIC Handling and Die Attach Recommendations.
4.2
Ordering Information
For additional ordering information, contact your Microchip sales representative.
Part Number
Package
MMA047CP4
QFN 4 mm × 4 mm, 24L AlN ceramic hermetic QFN
4.3
Packing Information
Part Number
Standard Format
MMA047CP4/TR
Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com