Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA047CP4 Datasheet(PDF) 5 Page - Microchip Technology

Part # MMA047CP4
Description  4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA047CP4 Datasheet(HTML) 5 Page - Microchip Technology

  MMA047CP4 Datasheet HTML 1Page - Microchip Technology MMA047CP4 Datasheet HTML 2Page - Microchip Technology MMA047CP4 Datasheet HTML 3Page - Microchip Technology MMA047CP4 Datasheet HTML 4Page - Microchip Technology MMA047CP4 Datasheet HTML 5Page - Microchip Technology MMA047CP4 Datasheet HTML 6Page - Microchip Technology MMA047CP4 Datasheet HTML 7Page - Microchip Technology MMA047CP4 Datasheet HTML 8Page - Microchip Technology MMA047CP4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MMA047CP4
Electrical Specifications
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00005609A - 5
Figure 1-5. S11 vs. Temperature at 6V/150 mA
-30
-25
-20
-15
-10
-5
0
4
6
8
10
12
14
16
Frequency (GHz)
-50C
25C
85C
Figure 1-6. S11 vs. Temperature at 7V/180 mA
-30
-25
-20
-15
-10
-5
0
4
6
8
10
12
14
16
Frequency (GHz)
-50C
25C
85C
Figure 1-7. S22 vs. Temperature at 5V/120 mA
-30
-25
-20
-15
-10
-5
0
4
6
8
10
12
14
16
Frequency (GHz)
-50C
25C
85C
Figure 1-8. S22 vs. Temperature at 6V/150 mA
-30
-25
-20
-15
-10
-5
0
4
6
8
10
12
14
16
Frequency (GHz)
-50C
25C
85C
Figure 1-9. S22 vs. Temperature at 7V/180 mA
-30
-25
-20
-15
-10
-5
0
4
6
8
10
12
14
16
Frequency (GHz)
-50C
25C
85C
Figure 1-10. S12 vs. Temperature at 5V/120 mA
-60
-55
-50
-45
-40
-35
-30
-25
-20
4
6
8
10
12
14
16
Frequency (GHz)
-50C
25C
85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com