Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA047CP4 Datasheet(PDF) 20 Page - Microchip Technology

Part # MMA047CP4
Description  4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA047CP4 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MMA047CP4 Datasheet HTML 16Page - Microchip Technology MMA047CP4 Datasheet HTML 17Page - Microchip Technology MMA047CP4 Datasheet HTML 18Page - Microchip Technology MMA047CP4 Datasheet HTML 19Page - Microchip Technology MMA047CP4 Datasheet HTML 20Page - Microchip Technology MMA047CP4 Datasheet HTML 21Page - Microchip Technology MMA047CP4 Datasheet HTML 22Page - Microchip Technology MMA047CP4 Datasheet HTML 23Page - Microchip Technology MMA047CP4 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
MMA047CP4
Application Circuit
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00005609A - 20
Table 3-2. Evaluation Board Jumper Settings For IDD (MA)
State Jumper Settings
R1
R2
R3
R4
IDD at 5V IDD at 6V IDD at 7V
1
Open Open Open Open 83
86
90
2
Short Open Open Open 99
102
106
3
Open Short Open Open 111
116
120
4
Short Short Open Open 120
124
128
5
Open Open Short Open 126
130
135
6
Short Open Short Open 131
136
140
7
Open Short Short Open 136
140
145
8
Short Short Short Open 139
143
148
9
Open Open Open Short 146
151
156
10
Short Open Open Short 148
153
158
11
Open Short Open Short 150
155
160
12
Short Short Open Short 151
156
161
13
Open Open Short Short 153
158
162
14
Short Open Short Short 154
159
163
15
Open Short Short Short 154
160
165
16
Short Short Short Short 155
161
166
Table 3-3. RSB Values (RSB – Bias Defining Resistor Connecting Between Pin 9 and Ground on Figure 3–1) vs. Drain
Current at VDD = 5, 6, 7V
RSB (Ohm) IDD(mA) at 5V IDD(mA) at 6V IDD(mA) at 7V
0
177
183
188
1
156
162
167
2
146
151
156
3
138
144
148
4
133
138
142
5
128
133
137
6
124
129
133
7
121
126
130
8
118
123
127
9
116
120
124
10
114
118
122
11
112
116
120
12
111
115
119
13
109
113
117
14
108
112
116
15
107
111
115
16
106
110
114
17
105
109
113
18
104
108
112
19
103
107
111
20
103
107
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com