Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA041AA Datasheet (PDF) - Microchip Technology

MMA041AA Datasheet PDF - Microchip Technology
Part # MMA041AA
Download  MMA041AA Download
File Size   1657.42 Kbytes
Page   19 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description DC - 25 GHz GaAs MMIC Distributed LNA

MMA041AA Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA041AA Datasheet PDF - Microchip Technology

Part # MMA041AA
Download  MMA041AA Click to download

File Size   1657.42 Kbytes
Page   19 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description DC - 25 GHz GaAs MMIC Distributed LNA

MMA041AA Datasheet (HTML) - Microchip Technology


MMA041AA Product details

Key Features
• Broadband performance: DC to 26 GHz
• High gain: 18.5 dB
• Low noise figure: 3.2 dB
• High output IP3: + 36 dBm
• Positive supply : + 7V @ 150 mA
• 50Ω matched I/O
• Compact die size: 3 mm × 1.3 mm × 0.1 mm

Applications
• Test and measurement instrumentation
• Military and space
• Wideband microwave radios
• Microwave and mm-Wave communication systems




Similar Part No. - MMA041AA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMA040AA MICROSEMI-MMA040AA Datasheet
1Mb / 22P
DC–28 GHz GaAs MMIC Distributed Amplifier
Revision 2.0
logo
Microchip Technology
MMA047CP4 MICROCHIP-MMA047CP4 Datasheet
1Mb / 24P
4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
A 10/2024
MMA047CP4/TR MICROCHIP-MMA047CP4/TR Datasheet
1Mb / 24P
4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
A 10/2024
More results


Similar Description - MMA041AA

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1004-BD MIMIX-XD1004-BD Datasheet
529Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1004-QT MIMIX-XD1004-QT Datasheet
190Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
logo
Microsemi Corporation
MMA040AA MICROSEMI-MMA040AA Datasheet
1Mb / 22P
DC–28 GHz GaAs MMIC Distributed Amplifier
Revision 2.0
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com