Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA040AA Datasheet(PDF) 7 Page - Microsemi Corporation

Part # MMA040AA
Description  DC–28 GHz GaAs MMIC Distributed Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA040AA Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button MMA040AA Datasheet HTML 3Page - Microsemi Corporation MMA040AA Datasheet HTML 4Page - Microsemi Corporation MMA040AA Datasheet HTML 5Page - Microsemi Corporation MMA040AA Datasheet HTML 6Page - Microsemi Corporation MMA040AA Datasheet HTML 7Page - Microsemi Corporation MMA040AA Datasheet HTML 8Page - Microsemi Corporation MMA040AA Datasheet HTML 9Page - Microsemi Corporation MMA040AA Datasheet HTML 10Page - Microsemi Corporation MMA040AA Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DC–28 GHz GaAs MMIC Distributed Amplifier
7
2 Product Overview
MMA040AA is a gallium arsenide (GaAs) monolithic microwave integrated circuit (MMIC)
pseudomorphic high-electron mobility transistor (pHEMT) low-noise distributed amplifier die that
operates between DC and 28 GHz. The amplifier provides flat gain of 16.5 dB, 2.5 dB noise figure,
and 27 dBm OIP3, while requiring only 60 mA from a 8 V supply. The MMA040AA amplifier features
compact die size and I/Os that are internally matched to 50 Ω, facilitating easy integration into
multi-chip modules (MCMs).
2.1 Functional Block Diagram
The following illustration shows the primary functional blocks of the MMA040AA device.
Figure 1 Functional Block Diagram
2.2 Applications
The MMA040AA device is designed for the following applications:
• Test instrumentation
• Telecom infrastructure
• Microwave radio and VSAT
• Microwave communications
2.3 Key Features
The following are key features of the MMA040AA device:
• Frequency range: DC to 28 GHz
• Flat gain: 16.5 dB
• High IP3: 27 dBm
• Low noise: 2.5 dB at 10 GHz
• Supply voltage: 7 V at 60 mA
• 50 Ω matched I/O
• Compact die size: 3 mm × 1.32 mm × 0.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com