Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA040AA Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MMA040AA
Description  DC–28 GHz GaAs MMIC Distributed Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA040AA Datasheet(HTML) 1 Page - Microsemi Corporation

  MMA040AA Datasheet HTML 1Page - Microsemi Corporation MMA040AA Datasheet HTML 2Page - Microsemi Corporation MMA040AA Datasheet HTML 3Page - Microsemi Corporation MMA040AA Datasheet HTML 4Page - Microsemi Corporation MMA040AA Datasheet HTML 5Page - Microsemi Corporation MMA040AA Datasheet HTML 6Page - Microsemi Corporation MMA040AA Datasheet HTML 7Page - Microsemi Corporation MMA040AA Datasheet HTML 8Page - Microsemi Corporation MMA040AA Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MMA040AA Datasheet
DC–28 GHz GaAs MMIC Distributed Amplifier


Similar Part No. - MMA040AA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MMA041AA MICROCHIP-MMA041AA Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5-TR MICROCHIP-MMA041PP5-TR Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA041PP5E MICROCHIP-MMA041PP5E Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
MMA047CP4 MICROCHIP-MMA047CP4 Datasheet
1Mb / 24P
4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
A 10/2024
More results

Similar Description - MMA040AA

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1004-BD MIMIX-XD1004-BD Datasheet
529Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1004-QT MIMIX-XD1004-QT Datasheet
190Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
logo
Microchip Technology
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com