Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA040AA Datasheet(PDF) 20 Page - Microsemi Corporation

Part # MMA040AA
Description  DC–28 GHz GaAs MMIC Distributed Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA040AA Datasheet(HTML) 20 Page - Microsemi Corporation

Back Button MMA040AA Datasheet HTML 14Page - Microsemi Corporation MMA040AA Datasheet HTML 15Page - Microsemi Corporation MMA040AA Datasheet HTML 16Page - Microsemi Corporation MMA040AA Datasheet HTML 17Page - Microsemi Corporation MMA040AA Datasheet HTML 18Page - Microsemi Corporation MMA040AA Datasheet HTML 19Page - Microsemi Corporation MMA040AA Datasheet HTML 20Page - Microsemi Corporation MMA040AA Datasheet HTML 21Page - Microsemi Corporation MMA040AA Datasheet HTML 22Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
DC–28 GHz GaAs MMIC Distributed Amplifier
20
4.4 Assembly Drawing
The following figure shows the assembly diagram of the MMA040AA device. In the die test assembly
shown, both RFIN and RFOUT ports should utilize bias tees or DC blocks to isolate external circuits
from the IC. VDD to the MMA040AA die is supplied through DC bypass caps of >10 nF (the actual
value depends on the low-frequency bandwidth requirements of the application).
Figure 20 Assembly Diagram
Table 5 Bias Sequence
Bias Sequence
1)
Set the gate voltage VG1 to -1V
2)
Set drain voltage VDD to 8V
3)
Adjust the gate voltage until the drain current is 60mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com