Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA040AA Datasheet(PDF) 9 Page - Microsemi Corporation

Part # MMA040AA
Description  DC–28 GHz GaAs MMIC Distributed Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA040AA Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button MMA040AA Datasheet HTML 5Page - Microsemi Corporation MMA040AA Datasheet HTML 6Page - Microsemi Corporation MMA040AA Datasheet HTML 7Page - Microsemi Corporation MMA040AA Datasheet HTML 8Page - Microsemi Corporation MMA040AA Datasheet HTML 9Page - Microsemi Corporation MMA040AA Datasheet HTML 10Page - Microsemi Corporation MMA040AA Datasheet HTML 11Page - Microsemi Corporation MMA040AA Datasheet HTML 12Page - Microsemi Corporation MMA040AA Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DC–28 GHz GaAs MMIC Distributed Amplifier
9
3.2 Typical Electrical Performance
The following table shows the typical electrical characteristics of the MMA040AA device at 25 °C,
where VDD is 8 V and IDD is 60 mA. All measurements are derived from the RF probed die according
to the assembly diagram shown in section 4.4, unless otherwise noted.
Table 2 Typical Electrical Performance
Parameter
Frequency Range
Min
Typ
Max
Units
Operational frequency range
DC
28
GHz
Gain
DC-6 GHz
15.5
16.5
dB
6 GHz-12 GHz
15.5
16.5
dB
12 GHz-20 GHz
15
16
dB
Gain flatness
DC-6 GHz
±0.2
dB
6 GHz-12 GHz
±0.2
dB
12 GHz-20 GHz
±0.2
dB
Gain variation over temperature
DC-6 GHz
0.007
dB/°C
6 GHz-12 GHz
0.007
dB/°C
12 GHz-20 GHz
0.007
dB/°C
Noise figure
DC-6 GHz
2.5
3
dB
6 GHz-12 GHz
2
2.5
dB
12 GHz-20 GHz
3
3.5
dB
Input return loss
DC-6 GHz
15
dB
6 GHz-12 GHz
15
dB
12 GHz-20 GHz
12
dB
Output return loss
DC-6 GHz
12
dB
6 GHz-12 GHz
15
dB
12 GHz-20 GHz
18
dB
P1dB
DC-6 GHz
15
16
dBm
6 GHz-12 GHz
15.5
16
dBm
12 GHz-20 GHz
14
15
dBm
Psat
DC-6 GHz
17
dBm
6 GHz-12 GHz
18
dBm
12 GHz-20 GHz
17
dBm
OIP3
DC-6 GHz
27
dBm
6 GHz-12 GHz
27
dBm
12 GHz-20 GHz
27.5
dBm
VDD (drain voltage supply)
8
V
IDD (drain current)
60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com