Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA040AA Datasheet(PDF) 18 Page - Microsemi Corporation

Part # MMA040AA
Description  DC–28 GHz GaAs MMIC Distributed Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA040AA Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button MMA040AA Datasheet HTML 14Page - Microsemi Corporation MMA040AA Datasheet HTML 15Page - Microsemi Corporation MMA040AA Datasheet HTML 16Page - Microsemi Corporation MMA040AA Datasheet HTML 17Page - Microsemi Corporation MMA040AA Datasheet HTML 18Page - Microsemi Corporation MMA040AA Datasheet HTML 19Page - Microsemi Corporation MMA040AA Datasheet HTML 20Page - Microsemi Corporation MMA040AA Datasheet HTML 21Page - Microsemi Corporation MMA040AA Datasheet HTML 22Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
DC–28 GHz GaAs MMIC Distributed Amplifier
18
4 Chip Outline Drawing, Die Packaging, Bond Pad, and Assembly
Information
4.1 Chip Outline Drawing
The following illustration shows the chip outline of the MMA040AA device. Dimensions are in μm
and are relative to the zero datum locations shown in the drawing. The minimum bond pad size is
100 μm × 100 μm. Both the bond pad surface and the backside metal are 3 μm gold. The die
thickness is 100 μm. The backside is the DC/RF ground. The airbridge keep out region is in
crosshatch, and the unlabeled pads should not be bonded.
Figure 19 Outline Drawing
4.2 Die Packaging Information
The following table shows the chip outline of the MMA040AA device. For additional packaging
information, contact your Microsemi sales representative.
Table 3 Die Packaging Information
Standard Format
Option Format
Waffle Pack
Gel Pack
50-100 pieces per pack
50 pieces per pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com