Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA040AA Datasheet(PDF) 12 Page - Microsemi Corporation

Part # MMA040AA
Description  DC–28 GHz GaAs MMIC Distributed Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA040AA Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button MMA040AA Datasheet HTML 8Page - Microsemi Corporation MMA040AA Datasheet HTML 9Page - Microsemi Corporation MMA040AA Datasheet HTML 10Page - Microsemi Corporation MMA040AA Datasheet HTML 11Page - Microsemi Corporation MMA040AA Datasheet HTML 12Page - Microsemi Corporation MMA040AA Datasheet HTML 13Page - Microsemi Corporation MMA040AA Datasheet HTML 14Page - Microsemi Corporation MMA040AA Datasheet HTML 15Page - Microsemi Corporation MMA040AA Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
DC–28 GHz GaAs MMIC Distributed Amplifier
12
Figure 6 Input Return Loss (VDD = 8 V, IDD = 60 mA, T = 25 °C)
Figure 7 Input Return Loss vs. Temperature (VDD = 8 V, IDD = 60 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com