Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA040AA Datasheet(PDF) 19 Page - Microsemi Corporation

Part # MMA040AA
Description  DC–28 GHz GaAs MMIC Distributed Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA040AA Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button MMA040AA Datasheet HTML 14Page - Microsemi Corporation MMA040AA Datasheet HTML 15Page - Microsemi Corporation MMA040AA Datasheet HTML 16Page - Microsemi Corporation MMA040AA Datasheet HTML 17Page - Microsemi Corporation MMA040AA Datasheet HTML 18Page - Microsemi Corporation MMA040AA Datasheet HTML 19Page - Microsemi Corporation MMA040AA Datasheet HTML 20Page - Microsemi Corporation MMA040AA Datasheet HTML 21Page - Microsemi Corporation MMA040AA Datasheet HTML 22Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
DC–28 GHz GaAs MMIC Distributed Amplifier
19
4.3 Bond Pad Information
The following table shows the bond pad information of the MMA040AA device.
Table 4 Bond Pad Information
Bond Pad Number
Bond Pad Name
Description
2
RFIN
This pad is DC-coupled and matched to 50 Ω.
9
RFOUT + VDD (optional)
This pin is matched to 50 Ω and can be used to bias VDD.
14
VG1
Gate control for amplifier. Adjust to achieve IDD = 60
mA.
4, 5, 6
VD1, VD1A, VD1B
Low-frequency termination. Connect bypass capacitors
per application circuit below. (no bias necessary)
11, 12
VG1A, VG1B
Low-frequency termination. Connect bypass capacitors
per application circuit below. (no bias necessary)
1, 3, 7, 8, 10, 13
GND
Die bottom must be connected to RF/DC ground.
Backside Paddle
RF/DC GND
RF/DC ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com