Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD1008-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XD1008-BD
Description  30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1008-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XD1008-BD Datasheet HTML 1Page - Mimix Broadband XD1008-BD Datasheet HTML 2Page - Mimix Broadband XD1008-BD Datasheet HTML 3Page - Mimix Broadband XD1008-BD Datasheet HTML 4Page - Mimix Broadband XD1008-BD Datasheet HTML 5Page - Mimix Broadband XD1008-BD Datasheet HTML 6Page - Mimix Broadband XD1008-BD Datasheet HTML 7Page - Mimix Broadband XD1008-BD Datasheet HTML 8Page - Mimix Broadband XD1008-BD Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
30 kHz - 40 GHz GaAs MMIC
Distributed Amplifier
Page 2 of 10
(1) Data measured in wafer form with backside temperature T = 25°C unless otherwise noted.
(2) 100% on-wafer RF test at 5, 25 and 40 GHz
D1008-BD
Electrical Characteristics for High Power Applications
1
Vdd=7V, Idd(Q)=200 mA, Zin=Zo=50
Parameter and Test Conditions
Small Signal Gain (S21)
Gain Flatness ( S21)
Input Return Loss (S11)
Output Return Loss (S22)
Reverse Isolation (S12)
Output Power for 1 dB Compression (P1dB) @ 22 GHz
Saturated RF Power (Psat) @ 22 GHz
Output 3rd Order Intercept Point (OIP3) @ 22 GHz
NF Noise Figure (NF) @ 26 GHz
NF Noise Figure (NF) @ 40 GHz
Units
dB
dB
dB
dB
dB
dBm
dBm
dBm
dB
dB
Min.
Typ.
15
+/-0.75
16
16
28
22
24.5
27
4.5
6.5
Max.
Electrical Characteristics
1
Vdd=6V, Idd(Q)=187 mA, Zin=Zo=50
Parameter and Test Conditions
Small Signal Gain (S21)
Gain Flatness ( S21)
Input Return Loss (S11)
Output Return Loss (S22)
Reverse Isolation (S12)
Output Power with 7 dB Input Power (Pout)
Output Power for 1 dB Compression (P1dB) @ 22 GHz
Saturated RF Power (Psat) @ 22 GHz
Output 3rd Order Intercept Point (OIP3) @ 22 GHz
NF Noise Figure (NF) @ 26 GHz
NF Noise Figure (NF) @ 40 GHz
Units
dB
dB
dB
dB
dB
dBm
dBm
dBm
dBm
dB
dB
Min.
14.02
202
Typ.
15.5
+/-0.75
16
16
28
22
22.5
24.5
27
4.5
6.5
Max.
Electrical Characteristics for High Gain, Low Noise Applications
1
Vdd=4V, Idd(Q)=160 mA, Zin=Zo=50
Parameter and Test Conditions
Small Signal Gain (S21)
Gain Flatness ( S21)
Input Return Loss (S11)
Output Return Loss (S22)
Reverse Isolation (S12)
Output Power for 1dB Compression (P1dB) @ 22 GHz
Saturated RF Power (Psat) @ 22 GHz
Output 3rd Order Intercept Point (OIP3) @ 22 GHz
NF Noise Figure (NF) @ 26 GHz
NF Noise Figure (NF) @ 40 GHz
Units
dB
dB
dB
dB
dB
dBm
dBm
dBm
dB
dB
Min.
Typ.
16
+/-0.75
16
16
28
18
22
30
3.5
5.5
Max.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2009 - Rev 19-Mar-09



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com