Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM2030 Datasheet (PDF) - List of Unclassifed Manufacturers

CMM2030 Datasheet PDF - List of Unclassifed Manufacturers
Part # CMM2030
Download  CMM2030 Download
File Size   566.92 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER

CMM2030 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM2030 Datasheet PDF - List of Unclassifed Manufacturers

Part # CMM2030
Download  CMM2030 Click to download

File Size   566.92 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER

CMM2030 Datasheet (HTML) - List of Unclassifed Manufacturers


CMM2030 Product details

[Celeritek]

Description
The CMM2030-BD is a precision GaAs MMIC, medium power amplifier and is part of Celeritek’s family of WideFiber™ products for optical communications applications.
The CMM2030-BD optical driver amplifier gives fiber optic system designers a unique combination of wideband frequency coverage, along with a flat response and very low internal jitter. It is a precision PHEMT GaAs MMIC medium power amplifier with +18 dBm @ P1dB. It operates from 30 kHz to 32 GHz with 12 dB linear gain. Low internal jitter makes it especially well suited for high speed digital data applications.

Features
❏ Small Size
❏ High Gain: 12 dB Typical
❏ P1dB = +18 dBm, Typical
❏ 30 kHz to 32 GHz Bandwidth
❏ Low Gain Ripple: 1.0 dB pp Typical
❏ Sub 0.25 Micron PHEMT
❏ Low DC Power Consumption

Applications
❏ Input Stage Driver for LiNb03 Modulator Driver Amplifier @ OC-192/OC-768
❏ Medium Power Linear Gain Block for Broadband Systems
❏ Receive Amplifier for OC-192 /OC-768




Similar Part No. - CMM2030

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM2030-BD MIMIX-CMM2030-BD Datasheet
1Mb / 8P
30.0 kHz-30.0 GHz GaAs MMIC
CMM2030-BD MIMIX-CMM2030-BD_10 Datasheet
1Mb / 8P
30.0 kHz-30.0 GHz GaAs MMIC
More results


Similar Description - CMM2030

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA032P1-00 ALPHA-AA032P1-00 Datasheet
163Kb / 2P
30-36 GHz GaAs MMIC Power Amplifier
logo
Hittite Microwave Corpo...
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
30 KHz - 12 GHz MMIC
logo
Mimix Broadband
CMM3020-BD MIMIX-CMM3020-BD Datasheet
453Kb / 3P
30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM3030-BD MIMIX-CMM3030-BD Datasheet
863Kb / 5P
30 kHz to GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3020-BD MIMIX-CMM3020-BD_06 Datasheet
93Kb / 2P
30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
30 KHz - 12 GHz MMIC
logo
Mimix Broadband
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com