Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC7642 Datasheet (PDF) - Unisonic Technologies

UTC7642 Datasheet PDF - Unisonic Technologies
Part # UTC7642
Download  UTC7642 Download
File Size   23.86 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ONE CHIP AM RADIO CIRCUIT

UTC7642 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTC7642 Datasheet PDF - Unisonic Technologies

Part # UTC7642
Download  UTC7642 Click to download

File Size   23.86 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ONE CHIP AM RADIO CIRCUIT

UTC7642 Datasheet (HTML) - Unisonic Technologies


UTC7642 Product details

DESCRIPTION
UTC 7642 is suitable for low voltage portable Radio, cassette system and other wireless AM system. The package of UTC7642 is TO-92.

FEATURE
* Low operating voltage: Down to VCC=1.3V
* Low Quiescent Current:ICCO=0.2mA
* Low external component required.




Similar Part No. - UTC7642

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC7642 UTC-UTC7642 Datasheet
78Kb / 3P
LINEAR INTEGRATED CIRCUIT
More results


Similar Description - UTC7642

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5551T PHILIPS-TEA5551T Datasheet
160Kb / 17P
1-chip AM radio
October 1990
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
AM/FM radio receiver circuit?
October 1990
logo
TEMIC Semiconductors
TDA1083 TEMIC-TDA1083 Datasheet
316Kb / 10P
One Chip AM/FM Radio with Audio Power Amplifier
logo
ATMEL Corporation
TDA1083 ATMEL-TDA1083 Datasheet
299Kb / 8P
One Chip AM/FM Radio with Audio Power Amplifier
logo
STMicroelectronics
TDA7222 STMICROELECTRONICS-TDA7222 Datasheet
289Kb / 7P
3V AM/FM ONE-CHIP RADIO
Feb-1995
logo
Toshiba Semiconductor
TA7641BP TOSHIBA-TA7641BP Datasheet
685Kb / 9P
AM 1 CHIP RADIO
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
Tiger Electronic Co.,Lt...
CXA1691M TGS-CXA1691M Datasheet
2Mb / 10P
FM/AM RADIO CIRCUIT
logo
List of Unclassifed Man...
TA7642 ETC1-TA7642 Datasheet
90Kb / 2P
ONE CHIP AM RADIO CIRCUIT
logo
ARTSCHIP ELECTRONICS CO...
TDA1083 ARTSCHIP-TDA1083 Datasheet
731Kb / 8P
One Chip AM/FM Radio with Audio Power Amplifier
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com