Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLM556 Datasheet (PDF) - Unisonic Technologies

UTCLM556 Datasheet PDF - Unisonic Technologies
Part # UTCLM556
Download  UTCLM556 Download
File Size   49.53 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL TIMER

UTCLM556 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTCLM556 Datasheet PDF - Unisonic Technologies

Part # UTCLM556
Download  UTCLM556 Click to download

File Size   49.53 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL TIMER

UTCLM556 Datasheet (HTML) - Unisonic Technologies


UTCLM556 Product details

DESCRIPTION
The UTC LM556 dual monolithic circuit is a highly stable controller capable of producing accurate delays or oscillation. The UTC LM556 is the dual of UTC NE555; timing is provided an external resistor and capacitor for each function. The two timers operate independently of each other, sharing only Vcc and GND. The circuits may be triggered and reset on falling wave forms. The output structures may sink or source 200mA.

FEATURES
* High current driver capability(=200mA)
* Adjustable duty cycle
* Timing from µSec to Hours
* Temperature stability of 0.005%/°C
* TTL compatible
* Operates in both Astable and Monostable modes

APPLICATIONS
* Precision timing.
* Pulse width modulation.
* Pulse generator, shaping.
* Traffic light control.
* Time delay generator.
* Touch tone encoder.
* Sequential timing.
* Tone burst generator.




Similar Part No. - UTCLM556

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM1851 UTC-UTCLM1851 Datasheet
160Kb / 9P
GROUND FAULT INTERRUPTER
UTCLM1875 UTC-UTCLM1875 Datasheet
150Kb / 6P
20W AUDIO POWER AMPLIFIER
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLM2954-3.3 UTC-UTCLM2954-3.3 Datasheet
78Kb / 6P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLM2954-5.0 UTC-UTCLM2954-5.0 Datasheet
78Kb / 6P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Similar Description - UTCLM556

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51847P MITSUBISHI-M51847P Datasheet
153Kb / 4P
DUAL TIMER
logo
New Japan Radio
NJM556 NJRC-NJM556 Datasheet
200Kb / 5P
DUAL TIMER
logo
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
Dual Timer
logo
NXP Semiconductors
NE556 PHILIPS-NE556 Datasheet
103Kb / 5P
Dual timer
August 31, 1994
logo
Unisonic Technologies
UTCNE556 UTC-UTCNE556 Datasheet
49Kb / 3P
DUAL TIMER
logo
Fairchild Semiconductor
KA556 FAIRCHILD-KA556 Datasheet
44Kb / 8P
Dual Timer
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
DUAL TIMER
logo
Texas Instruments
LM556 TI1-LM556 Datasheet
1Mb / 20P
Dual Timer
LM556 TI1-LM556_16 Datasheet
1Mb / 20P
Dual Timer
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com