Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLM556 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCLM556
Description  DUAL TIMER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM556 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCLM556 Datasheet HTML 1Page - Unisonic Technologies UTCLM556 Datasheet HTML 2Page - Unisonic Technologies UTCLM556 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTCLM556
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R106-004,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High Output Voltage
VOH
Vcc=15V
Isource=200mA
Isource=100mA
12.5
V
12.75
13.3
V
Vcc=5V
Isource=100mA
2.75
3.3
V
Rise Time of Output
tR
100
300
nSec
Fall Time of Output
tF
100
300
nSec
Discharge Leakage Current
ILKG
20
100
nA
Matching Parameter
Initial Accuracy(Note 5)
ACCUR
RA, RB=1K
Ω to 100KΩ
C=0.1
µF
Vcc=15V
1
2
%
Drift with Temperature
∆t/∆T
10
ppm/
°C
Drift with Supply Voltage
∆t/∆Vcc
0.2
0.5
%/V
Note 1: Supply current when output is high is typically 1mA less at Vcc 5V.
Note 2: Tested at Vcc=5V and Vcc=15V.
Note 3: This will determine the maximum value of RA+RB for 15V operation, The maximum total is R=20M
Ω, and
for 5V operation the maximum total is R=6.6M
Ω.
Note 4: As reset voltage lower, timing is inhibited and then the output goes low.
Note 5: Matching parameters refer to the difference between performance parameters of each timer section in the
monostable mode.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com