Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCPC1353 Datasheet (PDF) - Unisonic Technologies

UTCPC1353 Datasheet PDF - Unisonic Technologies
Part # UTCPC1353
Download  UTCPC1353 Download
File Size   52.39 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description TV AUDIO PROCESSING CIRCUIT

UTCPC1353 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTCPC1353 Datasheet PDF - Unisonic Technologies

Part # UTCPC1353
Download  UTCPC1353 Click to download

File Size   52.39 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description TV AUDIO PROCESSING CIRCUIT

UTCPC1353 Datasheet (HTML) - Unisonic Technologies


UTCPC1353 Product details

DESCRIPTION
UTC PC1353 is designed for TV SIF signal amplification and audio power amplification purpose. It includes SIF amplifier, FM, frequency discriminator, DC volume control, 2.4W power amplifier and voltage regulator.

FEATURES
* Wide operating supply voltage,9V ~ 18V
    When VCC=18V,RL=8W,Output is 2.4W(17"TV)
    When VCC=12V,RL=8W,Output is 1.2W(12"TV)
* Linear volume control
* Low harmonic distortion
* Differential peak detector
* Attenuation circuit for noise suppression(Typical80dB)




Similar Part No. - UTCPC1353

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCPC1316 UTC-UTCPC1316 Datasheet
210Kb / 4P
LINEAR INTEGRATED CIRCUIT
UTCPC1366 UTC-UTCPC1366 Datasheet
95Kb / 4P
LINEAR INTEGRATED CIRCUIT
More results


Similar Description - UTCPC1353

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
Integrated Circuit TV Video Signal Processing Circuit
NTE1747 NTE-NTE1747 Datasheet
31Kb / 3P
Integrated Circuit TV Video Processing Circuit
NTE738 NTE-NTE738 Datasheet
23Kb / 2P
Integrated Circuit Color TV Processing Circuit
logo
Panasonic Semiconductor
AN5431 PANASONIC-AN5431 Datasheet
92Kb / 3P
Color TV Deflection Signal Processing Circuit
AN616 PANASONIC-AN616 Datasheet
176Kb / 4P
Video Signal Processing Circuit for TV Cameras
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Unisonic Technologies
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
Digital audio processing circuit
TM2313 TITAN-TM2313 Datasheet
706Kb / 14P
Digital Control Audio Processing Circuit
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
Digital Control Audio Processing Circuit
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com