Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1353 Datasheet (PDF) - Linear Integrated Systems

PC1353 Datasheet PDF - Linear Integrated Systems
Part # PC1353
Download  PC1353 Download
File Size   55.14 Kbytes
Page   4 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description TV AUDIO PROCESSING CIRCUIT

PC1353 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC1353 Datasheet PDF - Linear Integrated Systems

Part # PC1353
Download  PC1353 Click to download

File Size   55.14 Kbytes
Page   4 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description TV AUDIO PROCESSING CIRCUIT

PC1353 Datasheet (HTML) - Linear Integrated Systems


PC1353 Product details

DESCRIPTION
Contek PC1353 is designed for TV SIF signal amplification and audio power amplification purpose. It includes SIF amplifier, FM, frequency discriminator, DC volume control, 2.4W power amplifier and voltage regulator.

FEATURES
* Wide operating supply voltage,9V ~ 18V
   When VCC=18V,RL=8 Ω,Output is 2.4W(17"TV)
   When VCC=12V,RL=8 Ω,Output is 1.2W(12"TV)
* Linear volume control
* Low harmonic distortion
* Differential peak detector
* Attenuation circuit for noise suppression(Typical80dB)




Similar Part No. - PC1353

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PC1353 UTC-PC1353 Datasheet
97Kb / 5P
LINEAR INTEGRATED CIRCUIT
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
More results


Similar Description - PC1353

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
Integrated Circuit TV Video Signal Processing Circuit
NTE1747 NTE-NTE1747 Datasheet
31Kb / 3P
Integrated Circuit TV Video Processing Circuit
NTE738 NTE-NTE738 Datasheet
23Kb / 2P
Integrated Circuit Color TV Processing Circuit
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Panasonic Semiconductor
AN5431 PANASONIC-AN5431 Datasheet
92Kb / 3P
Color TV Deflection Signal Processing Circuit
AN616 PANASONIC-AN616 Datasheet
176Kb / 4P
Video Signal Processing Circuit for TV Cameras
logo
Unisonic Technologies
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
Digital audio processing circuit
TM2313 TITAN-TM2313 Datasheet
706Kb / 14P
Digital Control Audio Processing Circuit
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
Digital Control Audio Processing Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com