Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1353 Datasheet (PDF) - Unisonic Technologies

PC1353 Datasheet PDF - Unisonic Technologies
Part # PC1353
Download  PC1353 Download
File Size   97.26 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LINEAR INTEGRATED CIRCUIT

PC1353 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC1353 Datasheet PDF - Unisonic Technologies

Part # PC1353
Download  PC1353 Click to download

File Size   97.26 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LINEAR INTEGRATED CIRCUIT

PC1353 Datasheet (HTML) - Unisonic Technologies


PC1353 Product details

DESCRIPTION
UTC PC1353 is designed for TV SIF signal amplification and audio power amplification purpose. It includes SIF amplifier, FM, frequency discriminator, DC volume control, 2.4W power amplifier and voltage regulator.

FEATURES
* Wide operating supply voltage,9V ~ 18V
   When VCC=18V,RL=8Ω,Output is 2.4W(17"TV)
   When VCC=12V,RL=8Ω,Output is 1.2W(12"TV)
* Linear volume control
* Low harmonic distortion
* Differential peak detector
* Attenuation circuit for noise suppression(Typical80dB)




Similar Part No. - PC1353

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Unisonic Technologies
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
More results


Similar Description - PC1353

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com