Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1353 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PC1353
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PC1353 Datasheet(HTML) 1 Page - Unisonic Technologies

  PC1353 Datasheet HTML 1Page - Unisonic Technologies PC1353 Datasheet HTML 2Page - Unisonic Technologies PC1353 Datasheet HTML 3Page - Unisonic Technologies PC1353 Datasheet HTML 4Page - Unisonic Technologies PC1353 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTCPC1353
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R111-002,A
TV AUDIO PROCESSING CIRCUIT
DESCRIPTION
UTC PC1353 is designed for TV SIF signal amplification
and audio power amplification purpose. It includes SIF
amplifier, FM, frequency discriminator, DC volume control,
2.4W power amplifier and voltage regulator.
FEATURES
* Wide operating supply voltage,9V ~ 18V
When VCC=18V,RL=8
Ω,Output is 2.4W(17"TV)
When VCC=12V,RL=8
Ω,Output is 1.2W(12"TV)
* Linear volume control
* Low harmonic distortion
* Differential peak detector
* Attenuation circuit for noise suppression(Typical80dB)
DIP-14H
APPLICATION CIRCUIT
6
11
8
9
10
5
7
4
3
14
12
13
1
2
attenuator
IF voltage
regulation
IF amplifier
limiter
Mute
Frequency
discreminator
Power AMP
output
TAB
RB
220
µF
4.7
µF
0.015
µF
IF discreminator
output
IF power
input
Deweighting
Vcc
100
µF
330
µF
47
µF
470pF
22
Ω
10pF
22k
Ω
VR
5k
Ω
270
Ω
Volume
control
Input
coil
FM
discreminator
coil
Decoupling
Bootstrap
Power for
audio output
Negative
Feedback
Fig 1


Similar Part No. - PC1353

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Unisonic Technologies
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
More results

Similar Description - PC1353

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com