Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10A05 Datasheet (PDF) - RFE international

10A05 Datasheet PDF - RFE international
Part # 10A05
Download  10A05 Download
File Size   95.29 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers

10A05 Datasheet (PDF)

Go To PDF Page Download Datasheet
10A05 Datasheet PDF - RFE international

Part # 10A05
Download  10A05 Click to download

File Size   95.29 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers

10A05 Datasheet (HTML) - RFE international


10A05 Product details

LEADED (THRU-HOLE)
General Purpose & Fast Recovery Rectifiers

GENERAL PURPOSE RECTIFIERS (Including Glass Passivated, use G suffix) Operating Temperature: -65°C to 125°

FAST RECOVERY Operating Temperature: -65°C to 125°C




Similar Part No. - 10A05

ManufacturerPart #DatasheetDescription
logo
Bytes
10A05 BYTES-10A05 Datasheet
190Kb / 2P
10.0 AMP SILICON RECTIFIERS
logo
Diodes Incorporated
10A05 DIODES-10A05 Datasheet
48Kb / 2P
10A RECTIFIER
DS28010 Rev. B-2
logo
Micro Commercial Compon...
10A05 MCC-10A05 Datasheet
88Kb / 2P
10 Amp Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
10A05 ETC1-10A05 Datasheet
574Kb / 2P
10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
logo
Diodes Incorporated
10A05 DIODES-10A05 Datasheet
67Kb / 3P
10A RECTIFIER
DS28010 Rev. 4 - 2
More results


Similar Description - 10A05

ManufacturerPart #DatasheetDescription
logo
RFE international
1A1 RFE-1A1 Datasheet
95Kb / 1P
LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
FR02-25 RFE-FR02-25 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
GP02-25 RFE-GP02-25 Datasheet
78Kb / 1P
LEADED (THRU-HOLE) High Voltage Rectifiers
HER101 RFE-HER101 Datasheet
101Kb / 1P
LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
SF61 RFE-SF61 Datasheet
95Kb / 1P
LEADED (THRU-HOLE): Super Fast & Schottky Rectifiers, Switching Diodes
logo
Formosa MS
1N4933 FORMOSA-1N4933_17 Datasheet
96Kb / 6P
Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
Axial Leaded Fast Recovery Rectifiers
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
Axial Leaded Fast Recovery Rectifiers
FR301G FORMOSA-FR301G_17 Datasheet
96Kb / 6P
Axial Leaded Fast Recovery Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com