Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP02-25 Datasheet (PDF) - RFE international

GP02-25 Datasheet PDF - RFE international
Part # GP02-25
Download  GP02-25 Download
File Size   78.72 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description LEADED (THRU-HOLE) High Voltage Rectifiers

GP02-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP02-25 Datasheet PDF - RFE international

Part # GP02-25
Download  GP02-25 Click to download

File Size   78.72 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description LEADED (THRU-HOLE) High Voltage Rectifiers

GP02-25 Datasheet (HTML) - RFE international


GP02-25 Product details

(GP02) 200mA, 500mA HIGH VOLTAGE RECTIFIER Operating Temperature -55°C to +135°C



(HV03) 350mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIER Operating Temperature -40°C to +130°C



(HV07) 750mA HIGH VOLTAGE RECTIFIER ASSEMBLY Operating Temperature -40°C to +135°C



 




Similar Part No. - GP02-25

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GP02-25 GE-GP02-25 Datasheet
59Kb / 2P
HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
First Components Intern...
GP02-25 FCI-GP02-25 Datasheet
108Kb / 2P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
TAITRON Components Inco...
GP02-25 TAITRON-GP02-25 Datasheet
126Kb / 4P
0.25A Sintered Glass Passivated Rectifier
logo
Vishay Siliconix
GP02-25 VISHAY-GP02-25 Datasheet
77Kb / 4P
High Voltage Glass Passivated Junction Rectifier
15-Mar-11
logo
Frontier Electronics.
GP02-25 FRONTIER-GP02-25 Datasheet
130Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
More results


Similar Description - GP02-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-92 ETC-TO-92 Datasheet
169Kb / 4P
TO-92 (3 leads) Leaded Thru-hole Plastic Package
logo
Rhombus Industries Inc.
L-589 RHOMBUS-IND-L-589 Datasheet
36Kb / 1P
Self-Leaded Thru Hole Common Mode Choke
6/9/00
logo
RFE international
1N746A RFE-1N746A Datasheet
72Kb / 1P
LEADED (THRU-HOLE) Zener Diodes
1A1 RFE-1A1 Datasheet
95Kb / 1P
LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
1N4728A RFE-1N4728A Datasheet
63Kb / 1P
LEADED (THRU-HOLE) Zener Diodes
10A05 RFE-10A05 Datasheet
95Kb / 1P
LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
FR02-25 RFE-FR02-25 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
P4KE75A RFE-P4KE75A Datasheet
89Kb / 1P
LEADED (THRU-HOLE) TVS DIODE: P4KE, P6KE, 1.5KE
HER101 RFE-HER101 Datasheet
101Kb / 1P
LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
SF61 RFE-SF61 Datasheet
95Kb / 1P
LEADED (THRU-HOLE): Super Fast & Schottky Rectifiers, Switching Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com