Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS3125 Datasheet (PDF) - Vaishali Semiconductor

VS3125 Datasheet PDF - Vaishali Semiconductor
Part # VS3125
Download  VS3125 Download
File Size   60.25 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description Quad Bus Switch with Individual Active Low Enables

VS3125 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS3125 Datasheet PDF - Vaishali Semiconductor

Part # VS3125
Download  VS3125 Click to download

File Size   60.25 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description Quad Bus Switch with Individual Active Low Enables

VS3125 Datasheet (HTML) - Vaishali Semiconductor


VS3125 Product details

General Description
The VS3125 contains a set of four high-speed, low-resistance bus switches. Each bus switch is individually controlled by TTL-compatible, active-low control input (/xOE). The low ON resistance of VS3125 allows inputs to be connected to outputs without adding propagation delay and without generating additional signal noise.
   
Features
• Enhanced N-FET with no dc path to VCC or
    GND in normal operating signal voltage range.
• Low impedance bidirectional data flow
• Pin-compatible with QS3125 & PI5C3125
    switches
• Zero added ground bounce or signal noise
• TTL-compatible control signals
• Near-zero propagation delay
• Undershoot clamp diodes on all
    switch and control pins
• ESD rating >2000V (Human Body
    Model) or >200V (Machine Model)
• Latch-up current >100mA
• Available in 150-mil wide QSOP
    package
   
Applications
• 5v to 3.3V translation in mixed supply environment
• Hot Swap interface
• Video, audio switching
• Clock gating
• Logic replacement
   




Similar Part No. - VS3125

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
VS3107AT DOINGTER-VS3107AT Datasheet
963Kb / 4P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - VS3125

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
3.3V Quad Bus Switch with Individual Active Low Enables
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125 Datasheet
43Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
logo
Pericom Semiconductor C...
PI5C3125 PERICOM-PI5C3125 Datasheet
393Kb / 6P
4-Bit Bus Switch with Individual Enables
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
2-Bit Bus Switch with Individual Enables
PI5C3306 PERICOM-PI5C3306 Datasheet
40Kb / 3P
2-Bit Bus Switch with Active Low Enables
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332_08 Datasheet
463Kb / 9P
Quad Video Switch with Individual Enables
logo
Pericom Semiconductor C...
PI5C3125 PERICOM-PI5C3125_10 Datasheet
498Kb / 5P
4-Bit Bus Switch with Individual Enables
PI5C3305 PERICOM-PI5C3305_09 Datasheet
490Kb / 6P
2-Bit Bus Switch with Individual Enables
PI5C3306 PERICOM-PI5C3306_10 Datasheet
531Kb / 4P
2-Bit Bus Switch with Active Low Enables
logo
Renesas Technology Corp
QS3125 RENESAS-QS3125 Datasheet
251Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
MAY 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com