Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3125 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C3125 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C3125
Download  PI5C3125 Download
File Size   393.63 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 4-Bit Bus Switch with Individual Enables

PI5C3125 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C3125 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C3125
Download  PI5C3125 Click to download

File Size   393.63 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 4-Bit Bus Switch with Individual Enables

PI5C3125 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C3125 Product details

Description
Pericom Semiconductor’s PI5C3125 and PI5C3126 are 4-bit Bus Switches designed with four individual 5Ω bus switches with fast indiviual enables in an industry standard 74XX125/126 pinout. When enabled via the associated Bus Enable (BE) pin, the “A” pin is directly connected to the “B” pin for that particular gate. The bus switch introduces no additional propagation delay or additional ground bounce noise.
The PI5C3125 device has active LOW enables, and the PI5C3126 has active HIGH enables

Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.1µA Typical)
    – Ideally suited for notebook applications
• Packaging (Pb-free & Green available):
    – 14-pin 150-mil wide plastic SOIC (W)
    – 14-pin 173-mil wide plastic TSSOP (L)
    – 16-pin 150-mil wide plastic QSOP (Q)




Similar Part No. - PI5C3125

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3125C PERICOM-PI5C3125C Datasheet
286Kb / 6P
4-Bit BusSwitch with -2V Undershoot Protection
PI5C3125QE PERICOM-PI5C3125QE Datasheet
498Kb / 5P
4-Bit Bus Switch with Individual Enables
PI5C3125 PERICOM-PI5C3125_10 Datasheet
498Kb / 5P
4-Bit Bus Switch with Individual Enables
More results


Similar Description - PI5C3125

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
Quad Bus Switch with Individual Active Low Enables
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
3.3V Quad Bus Switch with Individual Active Low Enables
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
2-Bit Bus Switch with Individual Enables
logo
Potato Semiconductor Co...
PO3B3125A POTATO-PO3B3125A Datasheet
551Kb / 6P
High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
8-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3125A POTATO-PO3B3125A_14 Datasheet
1Mb / 5P
High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A_14 Datasheet
1Mb / 5P
High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI5C3125 PERICOM-PI5C3125_10 Datasheet
498Kb / 5P
4-Bit Bus Switch with Individual Enables
PI5C3305 PERICOM-PI5C3305_09 Datasheet
490Kb / 6P
2-Bit Bus Switch with Individual Enables
logo
Nexperia B.V. All right...
74CBTLV3244 NEXPERIA-74CBTLV3244 Datasheet
269Kb / 15P
8-bit bus switch with 4-bit output enables
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com