Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT98000 Datasheet (PDF) - Vaishali Semiconductor

VT98000 Datasheet PDF - Vaishali Semiconductor
Part # VT98000
Download  VT98000 Download
File Size   45.63 Kbytes
Page   4 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description Multifrequency Synthesizer

VT98000 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT98000 Datasheet PDF - Vaishali Semiconductor

Part # VT98000
Download  VT98000 Click to download

File Size   45.63 Kbytes
Page   4 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description Multifrequency Synthesizer

VT98000 Datasheet (HTML) - Vaishali Semiconductor


VT98000 Product details

General Description
The Vaishali VT98000 is a single-chip, integrated multiple Phase Locked Loop (PLL) clock synthesizer. The device uses an analog Phase Locked Loop (PLL) to accept a 27 MHz crystal input to produce multiple outputs. Selection pins are used to provide various outputs.
   
Features
• 24.576 MHz for Firewire IEEE1394 or video
    digitizer
• 24.576 MHz / 28.224 MHz for software or
    hardware modem
• 27 MHz buffered output clock
• 6.000MHz buffered output clock
• 18.432 MHz for audio processor
• 2kHz standby clock
• Zero ppm synthesis error in all clocks
    (except the 2 kHz standby clock)
• 5V tolerant inputs
• 20-pin, 150 mil SSOP (QSOP)
   
Applications
• Set-top boxes
• MPEG Video clock source
   




Similar Part No. - VT98000

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT98001 VAISH-VT98001 Datasheet
46Kb / 4P
Multifrequency Synthesizer
VT98001Q VAISH-VT98001Q Datasheet
46Kb / 4P
Multifrequency Synthesizer
VT98001QX VAISH-VT98001QX Datasheet
46Kb / 4P
Multifrequency Synthesizer
More results


Similar Description - VT98000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
Frequency synthesizer
January 1995
logo
STMicroelectronics
LS656 STMICROELECTRONICS-LS656 Datasheet
824Kb / 13P
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
15-Jul-2015
M761E STMICROELECTRONICS-M761E Datasheet
373Kb / 9P
DUAL TONE MULTIFREQUENCY GENERATOR
Nov-1988
logo
Vaishali Semiconductor
VT98001 VAISH-VT98001 Datasheet
46Kb / 4P
Multifrequency Synthesizer
logo
Intersil Corporation
CD22859 INTERSIL-CD22859 Datasheet
38Kb / 5P
Monolithic Silicon COS/MOS Dual-Tone Multifrequency Tone Generator
February 1999
logo
STMicroelectronics
LS256 STMICROELECTRONICS-LS256 Datasheet
84Kb / 8P
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
Nov-1996
logo
List of Unclassifed Man...
LS356 ETC1-LS356 Datasheet
542Kb / 13P
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
SC-01 ETC1-SC-01 Datasheet
1Mb / 41P
Speech Synthesizer
logo
STMicroelectronics
LS656AD1 STMICROELECTRONICS-LS656AD1 Datasheet
569Kb / 12P
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
logo
Cypress Semiconductor
CY7B9930V CYPRESS-CY7B9930V_07 Datasheet
313Kb / 11P
High Speed Multifrequency PLL Clock Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com