Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT98501 Datasheet (PDF) - Vaishali Semiconductor

VT98501 Datasheet PDF - Vaishali Semiconductor
Part # VT98501
Download  VT98501 Download
File Size   77.89 Kbytes
Page   4 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 3.3V Low Phase Noise Clock Multiplier

VT98501 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT98501 Datasheet PDF - Vaishali Semiconductor

Part # VT98501
Download  VT98501 Click to download

File Size   77.89 Kbytes
Page   4 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 3.3V Low Phase Noise Clock Multiplier

VT98501 Datasheet (HTML) - Vaishali Semiconductor


VT98501 Product details

General Description
The VT98501 is a 3.3V CMOS, clock multiplier integrated circuit. The device provides an excellent quality high frequency output clock from a lower frequency crystal or clock input. Tri-level selection inputs S0 and S1 are used to select any one of nine multipliers, stored in the on-board ROM, and apply it to the input to produce the desired output. The resulting output includes many commonly used frequencies up to 160 MHz. Phase Locked Loop (PLL) technology allows the device to use an input signal from an inexpensive crystal.
   
Features
• Low phase noise
• Zero ppm multiplication error
• Input clock frequency 2 - 50 MHz.
• Input crystal frequency 5 – 27 MHz
• Output clock frequencies up to 160 MHz.
• 5V tolerant inputs and output
• Exceptionally low jitter: 25 ps one sigma
• Fully Compatible with all popular CPUs
• Duty Cycle of 45/55 up to 160 MHz.
• 25mA drive capability at TTL levels
• High-Z output for board level testing
   
Applications
• Oscillator Replacement
• LCD monitor clock source
   




Similar Part No. - VT98501

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT98521 VAISH-VT98521 Datasheet
181Kb / 5P
3.3V Clock Multiplier
VT98521/D VAISH-VT98521/D Datasheet
181Kb / 5P
3.3V Clock Multiplier
VT98521/DW VAISH-VT98521/DW Datasheet
181Kb / 5P
3.3V Clock Multiplier
VT98521M VAISH-VT98521M Datasheet
181Kb / 5P
3.3V Clock Multiplier
VT98521MX VAISH-VT98521MX Datasheet
181Kb / 5P
3.3V Clock Multiplier
More results


Similar Description - VT98501

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-02 RENESAS-ICS601-02 Datasheet
355Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
121412
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com