Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT98521 Datasheet (PDF) - Vaishali Semiconductor

VT98521 Datasheet PDF - Vaishali Semiconductor
Part # VT98521
Download  VT98521 Download
File Size   181.87 Kbytes
Page   5 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 3.3V Clock Multiplier

VT98521 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT98521 Datasheet PDF - Vaishali Semiconductor

Part # VT98521
Download  VT98521 Click to download

File Size   181.87 Kbytes
Page   5 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 3.3V Clock Multiplier

VT98521 Datasheet (HTML) - Vaishali Semiconductor


VT98521 Product details

General Description
The VT98521 is a 3.3V CMOS, clock multiplier integrated circuit. The device provides an excellent quality high frequency output clock from a lower frequency crystal or clock input. Tri-level selection inputs S0 and S1 are used to select any one of eight multipliers, stored in the on-board ROM, and apply it to the input to produce the desired output, up to 220 MHz. Phase Locked Loop (PLL) technology allows the device to use an input signal from an inexpensive crystal. When Output Enable (OE) is low, the clock output is in high impedance state.
   
Features
• Low phase noise
• Zero ppm multiplication error
• Input clock frequency 5 - 50 MHz.
• Input crystal frequency 5 – 27 MHz
• Output clock frequencies up to 220 MHz.
• 5V-tolerant inputs and output
• Fully Compatible with all popular CPUs
• Duty Cycle - 45/55 up to 160 MHz.
                     - 40/60 160 MHz to 220 MHz
• 25mA drive capability at TTL levels
• High-Z output for board level testing
   
Applications
• Low cost general-purpose clock source
   




Similar Part No. - VT98521

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT98501 VAISH-VT98501 Datasheet
77Kb / 4P
3.3V Low Phase Noise Clock Multiplier
VT98501/D VAISH-VT98501/D Datasheet
77Kb / 4P
3.3V Low Phase Noise Clock Multiplier
VT98501S1 VAISH-VT98501S1 Datasheet
77Kb / 4P
3.3V Low Phase Noise Clock Multiplier
VT98501S1X VAISH-VT98501S1X Datasheet
77Kb / 4P
3.3V Low Phase Noise Clock Multiplier
More results


Similar Description - VT98521

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT98501 VAISH-VT98501 Datasheet
77Kb / 4P
3.3V Low Phase Noise Clock Multiplier
logo
Integrated Device Techn...
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS843081I-01 ICST-ICS843081I-01 Datasheet
195Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK MULTIPLIER
REV. B JANUARY 23, 2006
logo
Integrated Device Techn...
IDT2308A IDT-IDT2308A Datasheet
81Kb / 10P
3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com