Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT98521 Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # VT98521
Description  3.3V Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT98521 Datasheet(HTML) 4 Page - Vaishali Semiconductor

  VT98521 Datasheet HTML 1Page - Vaishali Semiconductor VT98521 Datasheet HTML 2Page - Vaishali Semiconductor VT98521 Datasheet HTML 3Page - Vaishali Semiconductor VT98521 Datasheet HTML 4Page - Vaishali Semiconductor VT98521 Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VT98521
2002-02-25
Page 4
MDST-0017-02
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
AC Characteristics
Table 6 AC Characteristics
VDD = 3V to 3.6V over the operating temperature range
Symbol
Parameter
Condition
Min
Typ
Max
Units
fosc
Input Crystal Frequency
5
27
MHz
fin
Input clock frequency
5
50
MHz
fout
Output Frequency,
24
220
MHz
tr
Output Clock Rise Time
0.8 to 2.0V
1
ns
tf
Output Clock Fall Time
2.0 to 0.8V
1
ns
up to 160 MHz
45
49 to 51
55
%
tod
Output Clock Duty Cycle
1.5 V
160 MHz to 220 MHz
40
60
%
PLL Bandwidth
10
kHz
TPZH, TPZL
Output Enable Time, OE high to output on
50
ns
TPHZ, TPLZ
Output Disable time, OE low to Tri-state
50
ns
tjit (abs)
Absolute Clock period Jitter
Deviation from mean
fout = 160 MHz
70
ps
tjit (sigma)
One Sigma Clock Period Jitter
fout = 160 MHz
25
ps
Note1: External Crystal Connection
.
The external crystal should be connected in as close physical proximity to the VT98521 as possible. The crystal should be a
fundamental mode, parallel resonant. Do not use third overtone. External load capacitors should be fitted in accordance with the
crystal manufacturer’s specifications.
Note2: Decoupling and termination
.
Decoupling capacitors of 0.01
µF and 0.1 µF should be connected between VDD and Ground. Capacitors should be mounted as
close to the chip as possible. A 33Ω termination resistor may be connected in series with the clock output in order to minimize ringing
and reflections.
Figure 3. External Crystal Connection Block Diagram
Crystal
CLK3
106.25MHz
X2
X1
33pF
CX1
XTAL OSC
PLL
CLOCK
GEN.
OE
External Crystal
Load Capacitors
CLK
X2
X1
CX2
CX1
XTAL OSC
PLL
OE
External Crystal
Load Capacitors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com