Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT98521 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # VT98521
Description  3.3V Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT98521 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  VT98521 Datasheet HTML 1Page - Vaishali Semiconductor VT98521 Datasheet HTML 2Page - Vaishali Semiconductor VT98521 Datasheet HTML 3Page - Vaishali Semiconductor VT98521 Datasheet HTML 4Page - Vaishali Semiconductor VT98521 Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VT98521
2002-02-25
Page 2
MDST-0017-02
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 2. Pin Description
No.
Name
Type
Description
1
X1/ICLK
I
Xtal connection or clock input.
2
VDD
P
Connect to +3.3V
3
GND
P
Connect to ground.
4
S1
TI
Select 1 for output clock. Connect to ground or VDD or float
5
CLK
O
Clock output per table 2.
6
S0
TI
Select 0 for output clock. Connect to ground or VDD or float.
7
OE
I
Output Enable. Tri- states CLK output when low.
8
X2
O
Xtal connection. Leave unconnected for clock input.
Legend:
I = Input
TI = Tri-level Input
O = Output
P = Power supply connection
Table 3. Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
Supply voltage, VDD
Referenced to GND
4.6
V
Inputs and Clock Outputs
Referenced to GND
-0.5
4.6
V
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
Table 1. Clock Output Table
S1
S0
CLK
Minimum Input
0
0
4 x input
See table 6
0
M
5.3125 x input
20 MHz
0
1
5 x input
See table 6
M
0
6.25 x input
4 MHz
M
M
Test*
M
1
3.125 x input
8 MHz
1
0
6 x input
See table 6
1
M
3 x input
See table 6
1
1
8 x input
See table 6
0 = Connect to ground.
1 = Connect directly to VDD
M = Leave unconnected (floating)
* = For Vaishali internal test purposes only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com