Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT98521 Datasheet(PDF) 5 Page - Vaishali Semiconductor

Part # VT98521
Description  3.3V Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT98521 Datasheet(HTML) 5 Page - Vaishali Semiconductor

  VT98521 Datasheet HTML 1Page - Vaishali Semiconductor VT98521 Datasheet HTML 2Page - Vaishali Semiconductor VT98521 Datasheet HTML 3Page - Vaishali Semiconductor VT98521 Datasheet HTML 4Page - Vaishali Semiconductor VT98521 Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VT98521
2002-02-25
Page 5
MDST-0017-02
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Package Dimensions.
Ordering Information
Part Number
Marking
Shipping/Packaging
No. of Pins
Package
Temperature
VT98521S1
VT98521S1
Tubes
8
SOIC
0
oC to +70oC
VT98521S1X
VT98521S1
Tape & Reel
8
SOIC
0
oC to +70oC
VT98521M
VT98521M
Tubes
8
MSOP
0
oC to +70oC
VT98521MX
VT98521M
Tape & Reel
8
MSOP
0
oC to +70oC
VT98521/D
Dice in waffle-packs
0
oC to +70oC
VT98521/DW
Dice in wafer form
0
oC to +70oC
MSOP
SOIC
All dimensions are in millimeters
All dimensions are in millimeters
VARIATIONS
(ALL ARE IN MM)
AA
MIN
NOM
MAX
A
1.35
1.55
1.75
A1
.011
-
0.25
B
0.33
0.42
0.51
C
0.19
0.22
0.25
D
4.80
4.90
5.00
E1
3.80
3.90
4.00
e
1.27 BSC
E
5.80
6.00
6.20
h
0.25
0.38
0.50
oc
L
0.40
-
1.27
N
8
VARIATIONS
(ALL ARE IN MM)
AA
MIN
NOM
MAX
A
-
-
1.1
A1
0
-
0.15
A2
0.75
0.85
0.95
b
0.22
-
0.38
c
0.08
-
0.23
D
3.00 BSC
E
4.90 BSC
E1
3.00 BSC
L
0.4
0.6
0.8
e
0.65
oc
-
OC1
-
15°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com