Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT98521 Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # VT98521
Description  3.3V Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT98521 Datasheet(HTML) 3 Page - Vaishali Semiconductor

  VT98521 Datasheet HTML 1Page - Vaishali Semiconductor VT98521 Datasheet HTML 2Page - Vaishali Semiconductor VT98521 Datasheet HTML 3Page - Vaishali Semiconductor VT98521 Datasheet HTML 4Page - Vaishali Semiconductor VT98521 Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VT98521
2002-02-25
Page 3
MDST-0017-02
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 4. Operating Conditions
Parameter
Min
Typ
Max
Units
Ambient Operating Temperature
0
70
°C
Operating Voltage, VDD
3
3.6
V
Input High Voltage, VIH, X1 pin only
2.5
1.65
V
Input Low Voltage, VIL, X1 pin only
1.65
0.5
V
Input High Voltage, VIH, OE pin
2
V
Input Low Voltage, VIL, OE pin
0.8
V
Input High Voltage, VIH, trinary inputs
VDD-0.5
V
Input Low Voltage, VIL, trinary inputs
0.5
V
DC Characteristics
Table 5. DC Characteristics
VDD = 3V to 3.6V
Parameter
Condition
Min
Typ
Max
Units
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Operating Supply Current, IDD (20 MHz Xtal)
No Load, 100MHz
25
mA
Short Circuit Current
CLK output
±100
mA
Input Capacitance
S0, S1, OE, X1, X2
4
pF
Frequency synthesis error
0
ppm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com