Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI-IAM Datasheet (PDF) - Vicor Corporation

MI-IAM Datasheet PDF - Vicor Corporation
Part # MI-IAM
Download  MI-IAM Download
File Size   202.66 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Military Input Attenuator Modules

MI-IAM Datasheet (PDF)

Go To PDF Page Download Datasheet
MI-IAM Datasheet PDF - Vicor Corporation

Part # MI-IAM
Download  MI-IAM Click to download

File Size   202.66 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Military Input Attenuator Modules

MI-IAM Datasheet (HTML) - Vicor Corporation


MI-IAM Product details

Product Highlights

The MI-IAM is an accessory product to Vicor’s MI-Series of DC-DC converters that provides the EMI/RFI filtering and transient protection required in military applications. Designed for use with all 28V and 270V input MI-200 or MI-J00 converters, the MI-IAM can drive any number of modules with output loads to 200W.

The MI-IAM meets the conducted emissions specifications of MIL STD-461C/D and offers complete input transient, surge, and spike protection to the most severe levels of MIL-STD-1275A and 704A. Reverse polarity protection and overvoltage lockout provide additional safeguards against potentially damaging line conditions. High power arrays can be configured using the expansion port capability of the MI-IAM.



Features

• Inputs:

   28Vdc and 270Vdc

• MIL-STD-461C/D EMI compliance

• MIL-STD-810 environments

• MIL-STD-704A & MIL-STD1275A transients and spikes

• Reverse polarity protection

• Output power: Up to 200W from any combination of MI-200 or MI-J00 modules

• Expansion port for additional power

• Short circuit protected

• Size: 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7mm)



 




Similar Part No. - MI-IAM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI-I56SL ETC2-MI-I56SL Datasheet
320Kb / 1P
1x SO-DIMM DDR3L-1333/1600MHz up to 8G
More results


Similar Description - MI-IAM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
Military 28Vin Filter Input Attenuator Module
MI-RAM VICOR-MI-RAM Datasheet
209Kb / 1P
Military Ripple Attenuator Modules
VI-IAM VICOR-VI-IAM Datasheet
76Kb / 2P
Input Attenuator Modules
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
Military COTS Ripple Attenuator Modules
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
Military COTS 270 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
Military COTS 28 Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
MILITARY COTS INPUT ATTENUATOR MODULES
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com