Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI-RAM Datasheet (PDF) - Vicor Corporation

MI-RAM Datasheet PDF - Vicor Corporation
Part # MI-RAM
Download  MI-RAM Download
File Size   209.61 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Military Ripple Attenuator Modules

MI-RAM Datasheet (PDF)

Go To PDF Page Download Datasheet
MI-RAM Datasheet PDF - Vicor Corporation

Part # MI-RAM
Download  MI-RAM Click to download

File Size   209.61 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Military Ripple Attenuator Modules

MI-RAM Datasheet (HTML) - Vicor Corporation


MI-RAM Product details

Product Highlights
The MI-RAM is designed for military applications where extremely low noise outputs are required. When used with any Vicor MI-Series DC-DC converter, the MI-RAM reduces both line frequency related ripple and switching noise to less than 10mV p-p, DC to 20MHz.

Features
• Reduces output PARD to <10mV pp
• Full attenuation up to 20A load
• Compatible with all MI-Series units from 5 to 50Vdc output
• No adjustments required
• 93%-99% efficiency
• Converter sense, trim, OV and OC retained
• MIL-STD-810 environments
• Size: 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7mm)




Similar Part No. - MI-RAM

ManufacturerPart #DatasheetDescription
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results


Similar Description - MI-RAM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
Military Component Front End Modules
MI-IAM VICOR-MI-IAM Datasheet
202Kb / 2P
Military Input Attenuator Modules
VI-HAM VICOR-VI-HAM Datasheet
162Kb / 6P
Harmonic Attenuator Modules
VI-RAM VICOR-VI-RAM Datasheet
102Kb / 2P
Ripple Attenuator Modules
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
Military COTS Ripple Attenuator Modules
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
MILITARY COTS INPUT ATTENUATOR MODULES
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
QPO-1L POWERBOX-QPO-1L Datasheet
799Kb / 1P
OUTPUT RIPPLE ATTENUATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com