Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI-RAM Datasheet(PDF) 1 Page - Vicor Corporation

Part # MI-RAM
Description  Military Ripple Attenuator Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MI-RAM Datasheet(HTML) 1 Page - Vicor Corporation

  MI-RAM Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical Drawing
5
6
7
8
9
4
3
2
1
0.080 Dia (2) places
Solder plate
over copper alloy
0.040 (1,0) Dia (7) places
Solder plate
over copper alloy
0.01
Aluminum Base
Product ID
this surface
Function
+In
–In
+Out
NC
–Sense
–Out
Pin #
1
2
3
4
5
6
7
8
9
FULL R
+0.030 (0,76)
-0.000 (0)
(5,6) Min.
(7,6) Min.
(44,4) Max.
2.40
2.28
0.12
0.50
1.90
0.65
(16,5)
0.49
(12,4)
0.30
±0.015
(7,6)
±(0,38)
0.15
2.10
(53,4)
1.30
0.40
(10,2)
0.35
± 0.015
(8,9)
±(0,38)
1.40
(35,6)
1.00
(25,4)
0.70
(17,8)
+Sense In
–Sense In
+Sense
MI-RAM
(57,9)
(33,0)
(3,8)
0.15
(3,8)
(48,3)
(3,0)
0.22
(12,7)
0.30
(61,0)
1.75
PARAMETER
MIN
TYP
MAX
UNITS
NOTES
Output noise and ripple
2.0
3.0
mV pp
MI-200; 10% to 100% load
6.0
10.0
mV pp
MI-J00; 10% to 100% load
Input voltage range
5Vdc
50
Vdc
Output voltage accuracy
99.5
100.5
%
Of MI source converter
Full load current
10
A
MI-RAM-I1 and MI-RAM-M1
20
A
MI-RAM-I2 and MI-RAM-M2
DC voltage drop
0.34
0.38
10% to full load
Dissipation = (DC voltage drop x load current) + (Vin x 15 mA)
Isolation
250
Vrms
Input/output to baseplate
Weight
3.0 (85)
ounces (grams)
Input to the converter
(10V/cm)
Output from the RAM
(2mV/cm)
60 db
55 db
25 db
30 db
35 db
40 db
45 db
50 db
10 MHz
1 MHz
100 KHz
10 KHz
1 KHz
100 Hz
10 Hz
Frequency
Attenuation vs. Frequency (typical)
Product Highlights
The MI-RAM is designed for
military applications where
extremely low noise outputs are
required. When used with any
Vicor MI-Series DC-DC converter,
the MI-RAM reduces both line
frequency related ripple and
switching noise to less than
10mV p-p, DC to 20MHz.
The combination of the MI-RAM
with an MI converter provides the
output noise performance of a
linear supply at a power density
in excess of 15W/in3.
All of the features of the MI-Series
converter remain available while
using the MI-RAM, including
output voltage trimming, OVP and
OTP (MI-200 only), current limiting,
remote sense, and output inhibit.
All units are manufactured in ISO
9001-registered facilities. Full
epoxy encapsulation in a low
profile package enables the MI-RAM
to meet MIL-STD-810 environmental
testing requirements.
MI - RAM
TM
Military Ripple Attenuator Modules
" Reduces output PARD to <10mV pp
" Full attenuation up to 20A load
" Compatible with all MI-Series units
from 5 to 50Vdc output
" No adjustments required
" 93%-99% efficiency
" Converter sense, trim, OV
and OC retained
" MIL-STD-810 environments
" Size: 2.28" x 2.4" x 0.5"
(57,9 x 61,0 x 12,7mm)
Specifications
(At TBP = 25°C, unless otherwise specified)
Product Grade Specifications
Features
*Test data available for review or download from vicorpower.com
PARAMETER
PRODUCT GRADE
I- Grade
M- Grade
Storage temperature
-55°C to +125°C
-65°C to +125°C
Operating temperature (baseplate)
-40°C to +100°C
-55°C to +100°C
Power cycling burn-in
12 hours, 25 cycles
96 hours, 200 cycles
Temperature cycled with power off
12 cycles
12 cycles
17°C per minute rate of change
-65°C to +100°C
-65°C to +100°C
Test data supplied at these temperatures*
-40°C, +80°C
-55°C, +80°C
Warranty
2 years
2 years
Environmental compliance
MIL-STD-810
MIL-STD-810
MI-RAM 04/03
1 of 1


Similar Part No. - MI-RAM

ManufacturerPart #DatasheetDescription
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results

Similar Description - MI-RAM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
Military Component Front End Modules
MI-IAM VICOR-MI-IAM Datasheet
202Kb / 2P
Military Input Attenuator Modules
VI-HAM VICOR-VI-HAM Datasheet
162Kb / 6P
Harmonic Attenuator Modules
VI-RAM VICOR-VI-RAM Datasheet
102Kb / 2P
Ripple Attenuator Modules
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
Military COTS Ripple Attenuator Modules
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
MILITARY COTS INPUT ATTENUATOR MODULES
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
QPO-1L POWERBOX-QPO-1L Datasheet
799Kb / 1P
OUTPUT RIPPLE ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com