Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-RAM Datasheet (PDF) - Vicor Corporation

VI-RAM Datasheet PDF - Vicor Corporation
Part # VI-RAM
Download  VI-RAM Download
File Size   102.56 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Ripple Attenuator Modules

VI-RAM Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-RAM Datasheet PDF - Vicor Corporation

Part # VI-RAM
Download  VI-RAM Click to download

File Size   102.56 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Ripple Attenuator Modules

VI-RAM Datasheet (HTML) - Vicor Corporation


VI-RAM Product details

Product Highlights
Ripple attenuator modules may be connected to VI-200 or VI-J00 converters, FlatPACs, MegaPACs, MasterModules or MegaModules, with output voltages from 5 to 50V, to limit output noise to less than 3mV peak-to-peak at loads up to 20A. Combining active and passive filtering, the VI-RAM attenuates both low frequency input power source fundamental and harmonics, and high frequency switching components in the frequency range of DC to 20 MHz, while exhibiting efficiencies of 93-99%. No adjustments are required, and remote sense and output voltage trim features are retained.

Features
■ Reduces Output Ripple to <3 mV pp
■ Compatible with any VI-200/VI-J00-based Product: 5 to 50Vdc Output
■ Full Attenuation Up to 20A
■ No Adjustments Required
■ 93-99% Efficiency
■ Converter Sense, Trim, Overvoltage and Overcurrent Retained
■ Size: 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7)
■ CE Marked




Similar Part No. - VI-RAM

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-RAM-C-C1 POWERBOX-VI-RAM-C-C1 Datasheet
695Kb / 1P
FILTER OUTPUT ATTENUATOR MODULE
VI-RAM-C-C2 POWERBOX-VI-RAM-C-C2 Datasheet
695Kb / 1P
FILTER OUTPUT ATTENUATOR MODULE
VI-RAM-C2 POWERBOX-VI-RAM-C2 Datasheet
695Kb / 1P
FILTER OUTPUT ATTENUATOR MODULE
VI-RAM-E-C1 POWERBOX-VI-RAM-E-C1 Datasheet
695Kb / 1P
FILTER OUTPUT ATTENUATOR MODULE
VI-RAM-E-C2 POWERBOX-VI-RAM-E-C2 Datasheet
695Kb / 1P
FILTER OUTPUT ATTENUATOR MODULE
More results


Similar Description - VI-RAM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-IAM VICOR-MI-IAM Datasheet
202Kb / 2P
Military Input Attenuator Modules
MI-RAM VICOR-MI-RAM Datasheet
209Kb / 1P
Military Ripple Attenuator Modules
VI-HAM VICOR-VI-HAM Datasheet
162Kb / 6P
Harmonic Attenuator Modules
VI-IAM VICOR-VI-IAM Datasheet
76Kb / 2P
Input Attenuator Modules
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
Military COTS Ripple Attenuator Modules
QPO-2L VICOR-QPO-2L Datasheet
290Kb / 12P
QPO-2L Low Voltage Output Ripple Attenuator
VI-HAM-EM VICOR-VI-HAM-EM Datasheet
223Kb / 6P
Harmonic Attenuator Modules
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
QPO-1L POWERBOX-QPO-1L Datasheet
799Kb / 1P
OUTPUT RIPPLE ATTENUATOR
logo
Vicor Corporation
QPO-2 VICOR-QPO-2 Datasheet
370Kb / 11P
QPO-2 Low Voltage Output Ripple Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com