Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-RAM Datasheet(PDF) 2 Page - Vicor Corporation

Part # VI-RAM
Description  Ripple Attenuator Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-RAM Datasheet(HTML) 2 Page - Vicor Corporation

  VI-RAM Datasheet HTML 1Page - Vicor Corporation VI-RAM Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12 1-800-735-6200
79
Attenuation vs. Frequency (typical)
Input
to the converter
10 V/cm
60 db
55 db
25 db
30 db
35 db
40 db
45 db
50 db
10 MHz
1 MHz
100 KHz
10 KHz
1 KHz
100 Hz
10 Hz
Frequency
VI-200
+ Out
– Out
– S
+ S
+ In
– In
Trim
+
–
+ In
– In
+ Out
– Out
+ S Out
+ S In
– S Out
– S In
N/C
VI-RAM
Load
L1
Gate In
Gate Out
.01uF
.01uF
.01uF
.01uF
Output
from the RAM
20 mV/cm
5
6
7
8
9
4
3
2
1
.080 Dia (2) places
Solder plate
over copper alloy
.040 (1,0) Dia (7) places
Solder plate
over copper alloy
.01
Aluminum Base
Product ID
this surface
Function
+In
–In
+Out
NC
–Sense
–Out
Pin #
1
2
3
4
5
6
7
8
9
FULL R
+.030 (0,76)
-.000 (0)
.22 (5,6) Min.
.30 (7,6) Min.
1.75 (44,4) Max.
2.40 (61,0)
2.28 (57,9)
.12 (3,0)
.50 (12,7)
1.90 (48,3)
.65
(16,5)
.49
(12,4)
.15 (3,8)
.30 (7,6)
±.015 (0,38)
.15 (3,8)
2.10
(53,4)
1.30 (33,0)
.40
(10,2)
.35 (8,9)
± .015 (0,38)
1.40
(35,6)
1.00
(25,4)
.70
(17,8)
+Sense In
–Sense In
+Sense
VI-RAM
Mechanical Drawing
Connection Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com