Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGF10 Datasheet (PDF) - Vishay Siliconix

UGF10 Datasheet PDF - Vishay Siliconix
Part # UGF10
Download  UGF10 Download
File Size   46.73 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Ultrafast Soft Recovery Rectifier

UGF10 Datasheet (PDF)

Go To PDF Page Download Datasheet
UGF10 Datasheet PDF - Vishay Siliconix

Part # UGF10
Download  UGF10 Click to download

File Size   46.73 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Ultrafast Soft Recovery Rectifier

UGF10 Datasheet (HTML) - Vishay Siliconix


UGF10 Product details

Dual Common Cathode Ultrafast Rectifier



FEATURES

• Glass passivated chip junction

• Ultrafast recovery times

• Soft recovery characteristics

• Low switching losses, high efficiency

• High forward surge capability

• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package)

• Solder dip 260 °C, 40 s (for TO-220AB and ITO-220AB package)

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC



TYPICAL APPLICATIONS

For use in low voltage, high frequency rectifier of switching power supplies, freewheeling diodes, dc-to-dc converters and polarity protection application.



 




Similar Part No. - UGF10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UGF10 VISHAY-UGF10 Datasheet
80Kb / 3P
Dual Ultrafast Soft Recovery Rectifiers
27-Jun-03
logo
Taiwan Semiconductor Co...
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
UGF1004G TSC-UGF1004G Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
logo
Thinki Semiconductor Co...
UGF1004G THINKISEMI-UGF1004G Datasheet
1Mb / 2P
10.0 Amperes Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
UGF1004GA TSC-UGF1004GA Datasheet
221Kb / 3P
Isolated Ultra Fast Rectifiers
More results


Similar Description - UGF10

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT2X100D40J ADPOW-APT2X100D40J Datasheet
35Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D100J ADPOW-APT2X30D100J Datasheet
68Kb / 4P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D20J ADPOW-APT2X30D20J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D30J ADPOW-APT2X30D30J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D40J ADPOW-APT2X30D40J Datasheet
67Kb / 4P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D60J ADPOW-APT2X30D60J Datasheet
67Kb / 4P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D120J ADPOW-APT2X60D120J Datasheet
35Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D30J ADPOW-APT2X60D30J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
logo
Vishay Siliconix
BYT28 VISHAY-BYT28 Datasheet
47Kb / 3P
Dual Ultrafast Soft Recovery Rectifier
15-Apr-02
BYT28 VISHAY-BYT28_07 Datasheet
158Kb / 5P
Dual Ultrafast Soft Recovery Rectifier
06-Nov-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com